Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM6216 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6216
Description  Low power consumption, Low ESR Cap. Compatible
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6216 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6216 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6216 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6216 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6216 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6216 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6216 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6216 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6216 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
V01
Page 4 of
8
Type Characteristics ( HM6216A33 )
1)Output Voltage VS. Output Current
2)Output Voltage VS. Input Voltage
VIN=VOUT+1, Ta = 25 °C)
Ta = 25 °C)
Output Voltage VS.Output Current
Output Voltage VS.Input Voltage
3.5
3.4
3.3
3.2
3.1
3
2.9
2.8
3.5
3
2.5
2
1.5
1
0.5
0
10mA
1mA
100mA
0
50
100
150
200
250
300
350
Output Current(mA)
0.5
1.5
2.5
3.5
4.5
5.5
6.5
Input Voltage(V)
3)Dropout Voltage VS. Output Current
4)Supply Current VS. Input Voltage
VIN=VOUT+1V,Ta = 25 °C)
Ta = 25 °C)
D r op ou t V ol t a ge V S . O ut pu t C urr e nt
Supply Current VS.Input Voltage
500
400
300
200
100
0
0
50
100
150
200
250
300
350
O ut pu t C urr e n
0
3.5
4
4.5
5
5.5
6
6.5
Input Voltage (V)
5)Output Voltage VS. Temperature (VIN=VOUT+1V, IOUT =10mA)
Output Voltage VS.Temperature
3.32
3.3
3.28
3.26
3.24
3.22
-40
-20
0
20
40
60
80
100
120
140
160
Temperature(℃)
Shenzhen H&M Semiconductor Co.Ltd
http.//www.hmsemi.com
HM6216



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com