Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM6205 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6205
Description  300mA low dropout CMOS voltage regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6205 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6205 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6205 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6205 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6205 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6205 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6205 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6205 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HM6205
4
■ 电学特性参数
项目
符号
条件
最小值
典型值
最大值
单位
反馈电压
VOUT(E)
VIN =VOUT(S)+1.0 V, IOUT=30 mA
790
800
810
mV
输出电流
IOUT
VIN≥VOUT(S)+1.0 V
500 *5
—
—
mA
IOUT=50 mA
—
0.12
0.20
输入输出压差*
Vdrop
IOUT=100 mA
—
0.30
0.45
V
输入稳定度
OUT
IN
OUT
V
V
V
1
VOUT(S)+0.5 V ≤VIN≤8 V
IOUT=30 mA
—
0.10
0.20
%/V
负载稳定度
2
OUT
V
VIN=VOUT(S)+1.0 V
1.0 mA ≤IOUT ≤100 mA
—
50
100
mV
输出电压
温度系数
OUT
OUT
V
Ta
V
VIN=VOUT(S)+1.0 V, IOUT=10 mA
-40°C ≤ Ta ≤85°C
—
±
100
—
ppm/℃
工作消耗电流
ISS1
VIN=VOUT(S)+1.0 V
—
30
40
μA
关断电流
Ishut
VIN=5 V,VCE=0
0.1
uA
输入电压
VIN
——
2.0
—
8
V
纹波抑制率
|PSRR|
VIN=VOUT(S)+1.0 V,f=1 kHz
Vrip=0.5 Vrms, IOUT=50 mA
—
50
—
dB
短路电流
Ishort
VIN=VOUT(S)+1.0 V,
ON/OFF 端子为 ON,VOUT=0 V
—
30
—
mA
CE 最小高电平
VCEH
0.8
V
CE 最小低电平
VCEL
0.75
V
CE 为高电流
ICEH
VIN=VCE=VOUT(T)+1V
-0.1
0.1
μA
CE 为低电流
ICEL
VIN= VOUT(T)+1V ,VCE=VSS
-0.1
0.1
μA
■ 特性曲线(3.3V 输出)
1、 输入电压瞬态响应
测试条件:
Vin=4.3V-5.3V, Iout=10mA, Cin=Cout=1uF
通道
1 输出,通道 2 输入
2、 纹波抑制
测试条件:
Vin=4.3V-5.3V, Iout=10mA, ,Cin=Cout=1uF
通道
1 输入,通道 2 输出
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com