Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVB-F8-P Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # SVB-F8-P
Description  Plug-in Signal Conditioners M-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SVB-F8-P Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  SVB-F8-P Datasheet HTML 1Page - M-System Co.,Ltd. SVB-F8-P Datasheet HTML 2Page - M-System Co.,Ltd. SVB-F8-P Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: SVA
SVA SPECIFICATIONS
ES-1309 Rev.6 Page 2/3
http://www.m-system.co.jp/
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Overrange output: 0 mA or 0 V up to 105 % of upper range
value
Zero adjustment: -25 – +25 % no output below 0 mA or 0 V
(front)
Span adjustment: 50 to 100 % for the rated input span
(front)
INPUT SPECIFICATIONS
■ DC Current:
Shunt resistor attached to the input terminals (0.5 W)
Specify input resistance value for code Z.
■ DC Voltage: -30 – +30 V DC
Span: Min. 3 mV, max. 30 V
Offset: Max. 1.5 times span
Input resistance
Span 3 – 10 mV : ≥ 10 kΩ
Span 10 – 100 mV : ≥ 10 kΩ
Span 0.1 – 1 V : ≥ 100 kΩ
Span ≥ 1 V : ≥ 1 MΩ
OUTPUT SPECIFICATIONS
■ DC Current: 0 – 200 mA DC
Minimum span: 20 mA
Zero suppression: max. 30 % of span
Load inductance: 1 H max.
Load resistance
Max. current ≤ 100 mA: Output drive max. 20 V
100 mA < max. current ≤ 200 mA: RL [Ω] = 2 [W] / (max.
current [A])2
■ DC Voltage: 0 – 20 V DC
Minimum span: 2 V
Zero suppression: Max. 30 % of span
Load resistance
Max. voltage ≤ 10 V: RL [Ω] = max. voltage [V] / 0.2 [A]
10 V < max. voltage ≤ 20V: RL [Ω] = (max. voltage [V])2 / 2
[W]
INSTALLATION
Power consumption
•AC: Approx. 10 VA, 5 W max.
•DC: ≤ 5 W
Operating temperature: -5 to + 50°C (23 to 122°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 300 g (0.66 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.2 %
Temp. coefficient: ±0.02 %/°C (±0.01 %/°F)
Response time: ≤ 0.5 sec. (0 – 90 %)
Load effect
Current output: ±0.2 % over load range
Voltage output: +0.2 % or -{0.2 + (0.3 [Ω] × max. load
[A]) / output span [V] × 100} % over load range
Line voltage effect: ±0.2 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Measurement Category II
Pollution Degree 2
Input or output to power: Reinforced insulation (300 V)
Input to output: Basic insulation (300 V)
RoHS Directive
EN 50581



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com