Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM6107 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6107
Description  Four-way single-lamp flashlight control chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6107 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6107 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6107 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6107 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6107 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6107 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6107 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
gnd
LED
gnd
REXT
VDD
OPT1
OPT2
EN
1
2
3
4
5
6
7
8
C1
4.7uF
R1
47
3.7V
图 6-2. HM6107B 典型应用电路图
REXT
GND
EN
OPT2
LED
GND
VDD
OPT1
1
2
3
4
5
6
7
8
C1
4.7uF
R1
47
3.7V
图 6-3. HM6107C 典型应用电路图
7. 电气特性
7.1 极限参数
无另外说明,在
TA=25℃条件下
符号
参数名称
测试条件
最小
最大
单位
VDD
电源电压
-
-0.3
6
V
VLED
输出端耐压
-
-0.3
6
V
TJ
结温
-
-
150
℃
多功能恒流手电筒专用芯片



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com