Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5909 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5909
Description  1.2A Switching Charger and 1.2A Boost in One Sot23-5 with Single Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5909 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5909 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5909 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5909 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5909 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5909 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APPLICATION SUPPORT
Please contact local distributor or H&M SEMI sales representatives for technical support.
PCB GUIDELINES
0
0.5
1
1.5
0
1
2
3
4
5
6
Iout (A)
Boost Output Voltage Vs. Output Current
Vin=3.3V
Vin=3.6V
Vin=4V
0
0.5
1
1.5
80%
85%
90%
95%
100%
Iout (A)
Boost Efficiency Vs. Output Current
Vin=3.3V
Vin=3.6V
Vin=4V
Vout=5V
Cout,
Output capacitor, next to IC pins
Cin,
Input capacitor,
Next to IC pins
L,
Inductor,
Next to IC pins
GND
BAT
USB V+
To drive LEDs
PCB wire
PCB Solder
Device
Please have the power devices
placed just next to the IC pins
so that the power traces are
kept the shortest way to
achieve a good performance of
HM5909.
HM5909



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com