Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM6236 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6236
Description  300mA Low Power LDO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6236 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6236 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6236 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6236 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6236 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6236 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6236 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6236 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6236 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Ver1.1
4
May 9 2014
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Units
Input Voltage
VIN
10
V
Output Current
IOUT
300*
mA
Output Voltage
VOUT
VSS-0.3~VIN+0.3
V
Power Dissipation
SOT-23
Pd
0.20
W
SOT-89
0.50
W
USP-6B
0.10
W
TO-92
0.30
W
Operating Temperature Range
Topr
-40~+85
℃
Storage Temperature Range
Tstg
-55~+125
℃
*IOUT=Pd/(VIN-VOUT)
Electrical Characteristics
HM6236 for any output voltage
(Ta=25℃)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
Vout
Vin=Vout+1V
1.0mA≤Iout≤30mA
Vout×0.98
--
Vout×1.02
V
Output Current*1
Iout
Vin-Vout=1V
--
300
--
mA
Low dropout*2
Vdrop
Refer to the next table
Line Regulation
△Vout1/(Vin·Vout)
1.6V≤Vin≤6.5V
Iout=40mA
--
0.05
0.2
%/V
Load Regulation
△Vout /
ΔIout
Vin= Vout+1V
1.0mA≤Iout≤80mA
--
12
30
mV
Output voltage
Temperature
Coefficiency
△Vout/(Ta·Vout)
Iout=30mA
0℃≤Ta≤70℃
--
±75
--
Ppm/℃
Supply Current
Iss
--
--
1.5
2
uA
Input Voltage
Vin
--
--
8
10
V
300mA Low Power LDO



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com