Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM6231 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6231
Description  1 ampere low dropout linear voltage modulation integrated circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6231 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6231 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6231 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6231 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6231 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6231 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6231 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6231 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6231 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
电气参数
(VIN=3.7V,TA=-40℃ 到 85℃, 除非特别注明,典型值在TA=25℃时测得)
参数
符号
测试条件
最小
典型
最大
单位
输入电源电压范围
VIN
2.7
6
V
输入电源电流
IVIN
VIN=3.7V, CE高电平
310
410
510
uA
ISHDN
VIN=3.7V, CE低电平
1
1.7
2.5
uA
ISLP
VIN=3.7V,VIN-VOUT≤-20mV
1
1.7
2.5
uA
OUT管脚反向电流
IREV
VOUT=3.3V,VIN-VOUT≤-20mV
2
uA
VIN低电压检测阈值
Vuvlo
VIN电压下降
2.4
2.55
V
VIN低电压检测阈值
回滞
Huvlo
0.12
V
软启动时间
tSS
100
160
220
微秒
输出电压
VREG
3.3V版本
3.27
3.3
3.33
V
输出电压精度
-1
+1
%
恒流输出电流
ICC
RICC=1.188K, 恒流模式
0.9
1.0
1.1
A
过流保护阈值
ILIM
过流保护模式
1.05
1.25
1.45
A
输出短路保护阈值
VSC
输出电压下降
0.5
0.75
1.0
V
输出短路电流
ISC
RICC=1.188K, VOUT≤VSC
75
100
125
mA
(VIN–VOUT)
检测阈值
VIN下降,VOUT=3.3V
–
12
–
10
–
6
mV
VIN上升,VOUT=3.3V
20
33
47
mV
电源抑制比
PSRR
COUT = 10uF,
Iout=800mA
f=10KHz
53
dB
f=100KHz
40
f=1MHz
42
输出电流调制特性
输出电流从
1mA到1A,
VIN = VOUT + 500mV
0.0036
%/mA
输入电压调制特性
VIN从VOUT + 0.5V到6V
IOUT=500mA
0.001
%/V
输入和输出压差
Vdrop
IL=500mA, VOUT=95%ⅹVnom
0.18
0.2
0.22
V
IL=1A, VOUT=95%ⅹVnom
0.28
0.3
0.36
ICC管脚
ICC管脚电压
VICC
恒流工作模式
1.18
1.205
1.23
V
CE管脚
输入低电平
VCEL
CE管脚电压下降,芯片关断
0.7
V
输入高电平
VCEH
CE管脚电压上升,芯片正常工作 2.2
V
CE输入电流
ICEL
CE=GND, VIN=6V
-
1
uA
ICEH
CE=VIN=6V
1
4
HM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com