Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8050121 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8050121
Description  Position transmitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8050121 Datasheet(HTML) 2 Page - Festo Corporation.

  8050121 Datasheet HTML 1Page - Festo Corporation. 8050121 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Cable characteristic
Suitability for energy chains/robot applications
Color cable sheath
Gray
Material of cable sheath
TPE-U(PUR)
Type of mounting
Screwed tightly
Can be inserted in slot from above
Mounting position
Any
Product weight
26 g
Housing material
Brass, nickel-plated
PA-reinforced
Polyester
High-alloy stainless steel
Material of union nut
Brass, nickel-plated
Film material
Polyester
Ready status indication
LED green
Status indicator
LED red
Ambient temperature with flexible cable installation
-20 °C ... 70 °C
Degree of protection
IP65
IP68
5/13/21 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com