Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN761663 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN761663
Description  AGC Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN761663 Datasheet(HTML) 4 Page - Texas Instruments

  SN761663 Datasheet HTML 1Page - Texas Instruments SN761663 Datasheet HTML 2Page - Texas Instruments SN761663 Datasheet HTML 3Page - Texas Instruments SN761663 Datasheet HTML 4Page - Texas Instruments SN761663 Datasheet HTML 5Page - Texas Instruments SN761663 Datasheet HTML 6Page - Texas Instruments SN761663 Datasheet HTML 7Page - Texas Instruments SN761663 Datasheet HTML 8Page - Texas Instruments SN761663 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
−10
0
10
20
30
40
50
60
70
0.5
1.0
1.5
2.0
2.5
3.0
3.5
AGC Control Voltage − V
G001
TA = 25°C
VCC = 4.5 V
VCC = 5 V
VCC = 5.5 V
5
10
15
20
25
30
10
20
30
40
50
60
70
Gain − dB
G002
TA = 25°C
VCC = 5.5 V
VCC = 5 V
VCC = 4.5 V
−80
−70
−60
−50
−40
−30
−20
−10
0
10
20
−80
−60
−40
−20
0
Input Level − dBm
G003
TA = 25°C
VCC = 4.5 V
VAGC = 3 V
VCC = 5 V
VAGC = 0 V
VCC = 5.5 V
VAGC = 1.8 V
VCC = 4.5 V
VCC = 5 V
VCC = 5.5 V
VCC = 4.5 V
VCC = 5 V
VCC = 5.5 V
0
10
20
30
40
50
60
70
f − Frequency − MHz
10
100
G004
Gain = Max
TA = 25°C
VCC= 5.5 V
VCC= 5 V
VCC= 4.5 V
SN761663
SLES151 – OCTOBER 2005
GAIN
NOISE FIGURE
vs
vs
VAGC
GAIN
Figure 1.
Figure 2.
OUTPUT LEVEL
GAIN
vs
vs
INPUT LEVEL
FREQUENCY
Figure 3.
Figure 4.
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com