Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AXC2T45 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AXC2T45
Description  SN74AXC2T45-Q1 2-Bit Translating Transceiver with Configurable Level-Shifting
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AXC2T45 Datasheet(HTML) 21 Page - Texas Instruments

Back Button SN74AXC2T45 Datasheet HTML 17Page - Texas Instruments SN74AXC2T45 Datasheet HTML 18Page - Texas Instruments SN74AXC2T45 Datasheet HTML 19Page - Texas Instruments SN74AXC2T45 Datasheet HTML 20Page - Texas Instruments SN74AXC2T45 Datasheet HTML 21Page - Texas Instruments SN74AXC2T45 Datasheet HTML 22Page - Texas Instruments SN74AXC2T45 Datasheet HTML 23Page - Texas Instruments SN74AXC2T45 Datasheet HTML 24Page - Texas Instruments SN74AXC2T45 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
The SN74AXC2T45-Q1 device can be used in level-translation applications for interfacing devices or systems
operating at different interface voltages with one another. The SN74AXC2T45-Q1 device is ideal for use in
applications where a push-pull driver is connected to the data I/Os. The max data rate can be up to 380 Mbps
when device translates a signal from 1.8 V to 3.3 V.
One example application is shown in Figure 9-1, where the SN74AXC2T45-Q1 device is used to translate low
voltage error signals from a CPU to a higher voltage signal to properly drive the inputs of a system controller,
thus alerting the system of any CPU errors such as overheating or other catastrophic processor errors.
9.1.1 Enable Times
Calculate the enable times for the SN74AXC2T45-Q1 using the following formulas:
tA_en (DIR to A) = tdis (DIR to B) + tpd (B to A)
(1)
tB_en (DIR to A) = tdis (DIR to A) + tpd (A to B)
(2)
In a bidirectional application, these enable times provide the maximum delay time from the time the DIR bit is
switched until an output is expected. For example, if the SN74AXC2T45-Q1 initially is transmitting from A to B,
then the DIR bit is switched; the B port of the device must be disabled (tdis) before presenting it with an input.
After the B port has been disabled, an input signal applied to it appears on the corresponding A port after the
specified propagation delay (tpd). To avoid bus contention care should be taken to not apply an input signal prior
to the output port being disabled (tdis max).
9.2 Typical Application
System
Controller
CPU
B1
VCCA
VCCB
DIR
A1
2.5 V
0.7 V
0.1 µF
0.1 µF
SN74AXC2T45
GND
GPIO1
CAT ERR
B2
A2
GPIO2
PROC HOT
Figure 9-1. Processor Error Application
www.ti.com
SN74AXC2T45-Q1
SCES928 – APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: SN74AXC2T45-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com