Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN761663DGKR Datasheet(PDF) 5 Page - Texas Instruments

Part # SN761663DGKR
Description  AGC Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN761663DGKR Datasheet(HTML) 5 Page - Texas Instruments

  SN761663DGKR Datasheet HTML 1Page - Texas Instruments SN761663DGKR Datasheet HTML 2Page - Texas Instruments SN761663DGKR Datasheet HTML 3Page - Texas Instruments SN761663DGKR Datasheet HTML 4Page - Texas Instruments SN761663DGKR Datasheet HTML 5Page - Texas Instruments SN761663DGKR Datasheet HTML 6Page - Texas Instruments SN761663DGKR Datasheet HTML 7Page - Texas Instruments SN761663DGKR Datasheet HTML 8Page - Texas Instruments SN761663DGKR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.ti.com
−80
−70
−60
−50
−40
−30
−20
−10
0
10
0
10
20
30
40
50
60
Gain − dB
G005
VCC = 5 V
TA = 25°C
43 MHz (−2 dBm)
42 MHz
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
−30
−20
−10
0
10
Input Level − dBm
G006
Gain = Min
VAGC = 0 V
VCC = 5 V
TA = 25°C
43/44 MHz
42 MHz
−80
−70
−60
−50
−40
−30
−20
−10
0
10
20
−50
−40
−30
−20
−10
Input Level − dBm
G007
Gain = Mid
VAGC = 1.8 V
VCC = 5 V
TA = 25°C
43/44 MHz
42 MHz
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
−80
−70
−60
−50
−40
Input Level − dBm
G008
Gain = Max
VAGC = 3 V
VCC = 5 V
TA = 25°C
43/44 MHz
42 MHz
SN761663
SLES151 – OCTOBER 2005
TYPICAL CHARACTERISTICS (continued)
IM3
IM3 (GAIN = MIN)
vs
GAIN
Figure 5.
Figure 6.
IM3 (GAIN = MID)
IM3 (GAIN = MAX)
Figure 7.
Figure 8.
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com