Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN761663DGKRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN761663DGKRG4
Description  AGC Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN761663DGKRG4 Datasheet(HTML) 2 Page - Texas Instruments

  SN761663DGKRG4 Datasheet HTML 1Page - Texas Instruments SN761663DGKRG4 Datasheet HTML 2Page - Texas Instruments SN761663DGKRG4 Datasheet HTML 3Page - Texas Instruments SN761663DGKRG4 Datasheet HTML 4Page - Texas Instruments SN761663DGKRG4 Datasheet HTML 5Page - Texas Instruments SN761663DGKRG4 Datasheet HTML 6Page - Texas Instruments SN761663DGKRG4 Datasheet HTML 7Page - Texas Instruments SN761663DGKRG4 Datasheet HTML 8Page - Texas Instruments SN761663DGKRG4 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
DC ELECTRICAL CHARACTERISTICS
AC ELECTRICAL CHARACTERISTICS
SN761663
SLES151 – OCTOBER 2005
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
over operating free-air temperature range (unless otherwise noted) (1)
SN761663
Supply voltage, VCC (pin 1)(2)
–0.4 V to 6.5 V
Input voltage(2), AGC (pin 4), IN1 (pin 2), IN2 (pin 3)
–0.4 V to VCC
Continuous total dissipation
477 mW (3)
Operating free-air temperature, TA
–20
°C to 85°C
Junction temperature, TJ
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Voltage values are with respect to the GND of the circuit.
(3)
At TA≤ 25°C. For TA > 25°C, the derating factor is 3.82 mW/°C.
over operating free-air temperature range
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
TA
Operating free-air temperature
–20
85
°C
V
CC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC
Supply current
23
mA
IIAGC
Input current (AGC)
VAGC = 3 V
30
60
µA
VAGCMAX
AGC maximum gain control voltage
Maximum gain
3
VCC
V
VAGCMIN
AGC minimum gain control voltage
Minimum gain
0
1
V
V
CC = 5 V, TA = 25°C. Parameters measured in test circuit of Figure 9 or Figure 10.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GMAX
Maximum gain
VAGC = 3 V
56
60
64
dB
GMIN
Minimum gain
VAGC = 0 V
–10
–7
–4
dB
GCR
Gain control range
VAGC = 0 V–3 V
67
dB
VOUT
Output voltage
Single-ended output
2.6
Vp-p
NF
Noise figure
Maximum gain
10
dB
IM3
Third-order intermodulation distortion
fIN1 = 43 MHz, fIN2 = 44 MHz, VOUT = –2
–50
dBc
dBm, maximum gain
IIP3
Input intercept point
Minimum gain
11
dBm
RIN
Input resistance (IN1, IN2)
1
k
Ω
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com