Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM6281 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6281
Description  400KHz 32V 2A Switching Current Boost LED Constant Current Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6281 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6281 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6281 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6281 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6281 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6281 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6281 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6281 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6281 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6281 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
400KHz 32V 2A Switching Current Boost LED Constant Current Driver
HM6281
Rev 1.2
4
Ordering Information
Part Number
Marking ID
Lead Free
Lead Free
Packing Type
HM6281
HM6281
Tube
Package
Temperature
Range
HM6281
HM6281
Tape & Reel
Absolute Maximum Ratings(Note1)
Parameter
Symbol
Value
Unit
Input Voltage
Vin
-0.3 to 26
V
Feedback Pin Voltage
VFB
-0.3 to Vin
V
EN Pin Voltage
VEN
-0.3 to Vin
V
Output Switch Pin Voltage
VOutput
-0.3 to 32
V
Power Dissipation
PD
Internally limited
mW
Thermal Resistance (SOP8)
(Junction to Ambient, No Heatsink, Free Air)
RJA
100
º
C/W
Operating Junction Temperature
TJ
-40 to 125
º
C
Storage Temperature
TSTG
-65 to 150
º
C
Lead Temperature (Soldering, 10 sec)
TLEAD
260
º
C
ESD (HBM)
>2000
V
Note1: Stresses greater than those listed under Maximum Ratings may cause permanent damage
to the device. This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operation is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com