Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM6310 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6310
Description  3W, 0.85V Startup Voltage, Synchronous Step-Up Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6310 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6310 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6310 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6310 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6310 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6310 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6310 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TYPICAL CHARACTERISTICS
(Typical values are at TA = 25OC unless otherwise specified.)
VOUTAC
ISW
20mV/div
Light load Switching Waveform
VIN=1.8V, VOUT=3.3V, IOUT= 10mA
VSW
100ms/div
Short-Circuit Response
VIN=3V, VOUT=3.3V
200
s/div
VOUTAC
ISW
20mV/div
VSW
Heavy load Switching Waveform
VIN=1.8V, VOUT=3.3V, IOUT= 500mA
500ns/div
VOUT
ISW
Start-Up Waveform
VIN=3.0V, VOUT=3.3V, IOUT= 500mA
VSW
5ms/div
5ms/div
VOUT
ISW
Short-Circuit Recovery
VIN=3V, VOUT=3.3V
500ns/div
VEN
Shut Down Waveform
VIN=3.0V, VOUT=3.3V, IOUT= 500mA
VOUT
ISW
Load Transient Response
VIN=3V, VOUT=3.3V IOUT=0.1A to 1A
1ms/div
2ms/div
VOUT
ISW
Load Transient Response
VIN=3V, VOUT=3.3V IOUT=0.1A to 0.5A
1ms/div
Line Transient Response
VOUT=3.3V, IOUT= 100mA VIN=1.2V to3V
VOUT
VIN
VOUT
ISW
VEN
VSW
VOUT
ISW



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com