Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM6313 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6313
Description  High Efficiency Low Voltage Synchronous Step-up DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6313 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6313 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6313 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6313 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6313 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6313 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6313 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6313 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6313 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6313 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
High Efficiency Low Voltage Synchronous
Step-up DC/DC Converter
HM6313
ELECTRICAL CHARACTERISTICS
TA = 25°C. VIN = 1.2V. VOUT = 3.3V unless otherwise specified.
Symbol
Description
Conditions
Min
Typ
Max
Unit
VIN
Minimum Startup
Voltage
IOUT =1mA
--
0.85
1
V
Minimum Operational
Voltage
VEN =VIN
0.6
0.7
V
VOUT
Output Voltage Range
2.5
--
5.5
V
VFB
Feedback voltage
1.225
1.25
1.275
V
IQ
Quiescent Current
(Active)
IOUT =0mA
--
300
500
μA
Quiescent Current
(Switch off)
IOUT =0mA
40
μA
Quiescent Current
(Shutdown)
VEN =0
--
0.01
1
μA
Fosc
Switching
Frequency
1
1.2
1.4
MHz
DMAX
Maximum Duty Cycle
90
%
RDS(ON)L
NMOS Switch On
Resistance
VOUT=3.3V
--
300
m
Ω
VOUT=5.0V
200
m
Ω
RDS(ON)H
PMOS Switch On
Resistance
VOUT=3.3V
--
400
m
Ω
VOUT=5.0V
300
m
Ω
ILIMIT
NMOS Peak
Current Limit
VOUT=5.0V
1.2
A
△V
OUT /
VOUT / △VIN
Voltage Line
Regulation
VIN = 1 ~
2.5V,
IOUT = 50mA
--
0.2
%/V
△V
OUT /
VOUT /
△I
OUT
Voltage Load
Regulation
VIN = 1.2V,
IOUT = 10 ~
100mA
--
0.003
%/mA
TSD
Thermal Shutdown
IOUT = 0
160
℃
Hysteresis
20
℃
Page 4
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com