Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM6513 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6513
Description  40V, Low Quiescent Current, High Reliability LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6513 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6513 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6513 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6513 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6513 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6513 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6513 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6513 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6513 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6513 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
H 6513
40V, Low Quiescent Current, High Reliability LDO
Page 4
PART NUMBER RULES
H 651
1- 2
Code
Description
1
Voltage version:
XX: several fixed output voltages
ranging from 1.8V to 5.7V
Example: 33:3.3V
2
Package:
MR: SOT23-3L
M5A/M5B: SOT23-5L
RR/PR: SOT89-3L
:
MARKING DESCRIPTION
23
1
4
5
NXYWV
NXYWV
SOT23-5L
SOT23-3L
“N”: product code, here use “O” stands for “H 6513
”,
“Q” stands for “H 6513 5A”, “P” stands for
“H 6513 5B”.
“X”: Package factory.
“Y”: Wafer foundry vendor.
“W”: The week of manufacturing. “A” stands for week
1, “Z” stands for week 26, “
” stands for week
27, “
” stands for week.
“V” : Output voltage code.
XXXX
XYMXXV
Output Voltage Code
Y:Year M:Month
Product Code
Internal Code
Series Number
Material
SOT89-3L
ABSOLUTE MAXIMUM RATINGS (Note)
SYMBOL
ITEMS
VALUE
UNIT
VIN
Input Voltage
-0.3~45
V
VOUT
Output Voltage
-0.3~6.5
V
PDMAX
Power Dissipation
OTP limited
W
TJ
Junction Temperature
-40~150
Tstg
Storage Temperature
-55 to 150
Tsolder
Package Lead Soldering Temperature (10s)
260
ESD MM
Machine Mode
200
V
ESD HBM
Human Body Mode
8000
V
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect device reliability
.
RECOMMANDED OPERATING RANGE
SYMBOL
ITEMS
VALUE
UNIT
VIN
VIN Supply Voltage
4.75 to 40
V
RθJA
Thermal Resistance on PCB
45
/W
TOPT
Operating Temperature
-40 to +105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com