Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5FV-C-R2 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # W5FV-C-R2
Description  Terminal Block Dual Output Signal Conditioners W5-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

W5FV-C-R2 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  W5FV-C-R2 Datasheet HTML 1Page - M-System Co.,Ltd. W5FV-C-R2 Datasheet HTML 2Page - M-System Co.,Ltd. W5FV-C-R2 Datasheet HTML 3Page - M-System Co.,Ltd. W5FV-C-R2 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: W5FV
W5FV SPECIFICATIONS
ES-8515 Rev.8 Page 3/4
http://www.m-system.co.jp/
EXTERNAL VIEW
5
4
3
2
1
11
10
9
8
7
6
1 2 3 4 5 6 7 8
Input Range
DIP SW (SW1)
Output Range
DIP SW (SW2)
Zero Adj.
Span Adj.
• Output 2*
Zero Adj.
*Not provided for single output type.
Span Adj.
• Output 1
INPUT RANGE(DIP SW)
Input exceeding the maximum value of each input range
may destroy the transmitter. Be sure to confirm the setting
range before applying input signals.
Input range setting accuracy: Approx. 1 %(≤ 2 % when both
input and output ranges are modified.)
INPUT RANGE
■ = ON, Blank = OFF
SW1
4 – 20mA DC
0 – 20mA DC
0 – 10mA DC
0 – 60mV DC
0 – 100mV DC
0 – 1V DC
0 – 10V DC
0 – 5V DC
1 – 5V DC
-10 – +10V DC
-5 – +5V DC
1
■
■
■
■
■
■
■
2
■
■
3
■
4
■
■
■
5
■
■
■
6
■
■
■
7
■
■
■
■
■
8
■
■
■
OUTPUT RANGE(DIP SW)
Only Output 1 is field-configurable. Specify Output 2 range
when ordering.
Output range setting accuracy: Approx. 1 %(≤ 2 % when
both input and output ranges are modified.)
OUTPUT RANGE
SW2
4 – 20mA DC
0 – 20mA DC
0 – 10V DC
0 – 5V DC
1 – 5V DC
-10 – +10V DC
-5 – +5V DC
1
■
■
2
■
■
■
■
3
■
■
4
■
■
■
■
■
5
■
■
6
■
■
■
■
■
7
■
■
8
■
■
■
■
■



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com