Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5FV-D-R2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # W5FV-D-R2
Description  Terminal Block Dual Output Signal Conditioners W5-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

W5FV-D-R2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  W5FV-D-R2 Datasheet HTML 1Page - M-System Co.,Ltd. W5FV-D-R2 Datasheet HTML 2Page - M-System Co.,Ltd. W5FV-D-R2 Datasheet HTML 3Page - M-System Co.,Ltd. W5FV-D-R2 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: W5FV
W5FV SPECIFICATIONS
ES-8515 Rev.8 Page 1/4
http://www.m-system.co.jp/
Terminal Block Dual Output Signal Conditioners W5-UNIT
SIGNAL TRANSMITTER
(field-configurable)
Functions & Features
• Converts a DC input into two isolated outputs
• Two independent output ranges
• DIP switch configurable input & output range
• Four-way isolation (input to output 1 to output2 to power)
• High-density mounting
Typical Applications
• Isolation between control room and field instrumentation
45 (1.77)
97
(3.82)
41 (1.61)
mm (inch)
MODEL: W5FV-[1]-[2][3]
ORDERING INFORMATION
• Code number: W5FV-[1]-[2][3]
Specify a code from below for each [1] through [3].
(e.g. W5FV-6-P/Q)
Orders will be shipped at default factory settings for Input (1
– 5V) and Output 1 (4 – 20mA ).
• Special 2nd output range (For codes Z & 0)
• Specify the specification for option code /Q
(e.g. /C01/S01)
INPUT – Field-selectable
Current
4 – 20 mA DC (Input resistance 250 Ω)
0 – 20 mA DC (Input resistance 250 Ω)
0 – 10 mA DC (Input resistance 250 Ω)
Voltage
0 – 60 mV DC (Input resistance 1 MΩ min.)
0 – 100 mV DC (Input resistance 1 MΩ min.)
0 – 1 V DC (Input resistance 1 MΩ min.)
0 – 10 V DC (Input resistance 1 MΩ min.)
0 – 5 V DC (Input resistance 1 MΩ min.)
1 – 5 V DC (Input resistance 1 MΩ min.)
-10 – +10 V DC (Input resistance 1 MΩ min.)
-5 – +5 V DC (Input resistance 1 MΩ min.)
OUTPUT 1 – Field-selectable
Current
4 – 20 mA DC (Load resistance 550 Ω max.)
0 – 20 mA DC (Load resistance 550 Ω max.)
Voltage
0 – 10 V DC (Load resistance 1000 Ω min.)
0 – 5 V DC (Load resistance 500 Ω min.)
1 – 5 V DC (Load resistance 500 Ω min.)
-10 – +10 V DC (Load resistance 8000 Ω min.)
-5 – +5 V DC (Load resistance 4000 Ω min.)
[1] OUTPUT 2
Y: None
Current
A: 4 – 20 mA DC (Load resistance 550 Ω max.)
B: 2 – 10 mA DC (Load resistance 1100 Ω max.)
C: 1 – 5 mA DC (Load resistance 2200 Ω max.)
D: 0 – 20 mA DC (Load resistance 550 Ω max.)
E: 0 – 16 mA DC (Load resistance 685 Ω max.)
F: 0 – 10 mA DC (Load resistance 1100 Ω max.)
G: 0 – 1 mA DC (Load resistance 11 kΩ max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
3: 0 – 1 V DC (Load resistance 100 Ω min.)
4: 0 – 10 V DC (Load resistance 1000 Ω min.)
5: 0 – 5 V DC (Load resistance 500 Ω min.)
6: 1 – 5 V DC (Load resistance 500 Ω min.)
4W: -10 – +10 V DC (Load resistance 2000 Ω min.)
5W: -5 – +5 V DC (Load resistance 1000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
[2] POWER INPUT
AC Power
M: 85 – 264 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
(CE not available)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
R2: 11 – 27 V DC
(Operational voltage range 11 – 27 V, ripple 10 %p-p max.)
(CE not available)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
(CE not available)
[3] OPTIONS
blank: none
/Q: With options (specify the specification)


Similar Part No. - W5FV-D-R2

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
W5F102-RD-10 SUPERWORLD-W5F102-RD-10 Datasheet
257Kb / 6P
Common Mode Filter
W5F601-RJ-10 SUPERWORLD-W5F601-RJ-10 Datasheet
257Kb / 6P
Common Mode Filter
W5F900-RJ-10 SUPERWORLD-W5F900-RJ-10 Datasheet
257Kb / 6P
Common Mode Filter
More results

Similar Description - W5FV-D-R2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M5TS MSYSTEM-M5TS Datasheet
111Kb / 4P
Super-mini Terminal Block Signal Conditioners M5-UNIT
M5VSH MSYSTEM-M5VSH Datasheet
100Kb / 3P
Super-mini Terminal Block Signal Conditioners M5-UNIT
W5DY MSYSTEM-W5DY Datasheet
108Kb / 3P
Terminal Block Dual Output Signal Conditioners W5-UNIT
W5VS MSYSTEM-W5VS Datasheet
104Kb / 3P
Terminal Block Dual Output Signal Conditioners W5-UNIT
W5TS MSYSTEM-W5TS Datasheet
115Kb / 4P
Terminal Block Dual Output Signal Conditioners W5-UNIT
W5RS MSYSTEM-W5RS Datasheet
105Kb / 3P
Terminal Block Dual Output Signal Conditioners W5-UNIT
W5PA MSYSTEM-W5PA Datasheet
114Kb / 3P
Terminal Block Dual Output Signal Conditioners W5-UNIT
W5MS MSYSTEM-W5MS Datasheet
103Kb / 3P
Terminal Block Dual Output Signal Conditioners W5-UNIT
W5LCS MSYSTEM-W5LCS Datasheet
103Kb / 3P
Terminal Block Dual Output Signal Conditioners W5-UNIT
M5PA MSYSTEM-M5PA Datasheet
105Kb / 4P
Super-mini Terminal Block Signal Conditioners M5-UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com