Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W2RS-6DA-R2 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # W2RS-6DA-R2
Description  Space-saving Dual Output Signal Conditioners Mini-MW Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

W2RS-6DA-R2 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  W2RS-6DA-R2 Datasheet HTML 1Page - M-System Co.,Ltd. W2RS-6DA-R2 Datasheet HTML 2Page - M-System Co.,Ltd. W2RS-6DA-R2 Datasheet HTML 3Page - M-System Co.,Ltd. W2RS-6DA-R2 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: W2RS
W2RS SPECIFICATIONS
ES-5513 Rev.17 Page 3/4
http://www.m-system.co.jp/
Cu INPUT
■ INPUT
• Sensing current (resistance span):
140 Ω ≤ Span ≤ 300 Ω : 1 mA
12 Ω ≤ Span < 140 Ω : 2 mA
8 Ω ≤ Span < 12 Ω : 3 mA
3.5 Ω ≤ Span < 8 Ω : 5 mA
• Max. leadwire resistance:
200 Ω or the value calculated using the equation below,
whichever is smaller.
Leadwire resistance(Ω) = (2500 - 100% resistance(Ω) ×
Sensing current(mA)) ÷ (3 × Sensing current(mA))
• Usable range:
3.5 Ω ≤ Resistance span(Ω) ≤ 300Ω
100 % resistance(Ω) ≤ (2500 – 3 × Leadwire resistance (Ω)
× Sensing current (mA)) ÷ Sensing current (mA)
■ PERFORMANCE
• Accuracy
Resistance span ≥ 20 Ω: ±0.2 %
Otherwise use the equation below:
Accuracy(%) = 0.02(Ω) ÷ Resistance span(Ω) × 100 +
0.1(%) × 40(mV) ÷ (Resistance span(Ω) × Sensing
current(mA))
• Temperature coefficient
Resistance span(Ω) × Sensing current(mA) ≥ 40(mV):
±0.015 %/°C
Otherwise use the equation below:
Temperature coefficient(%/°C) = 0.015(%/°C) × 40(mV) ÷
(Resistance span(Ω) × Sensing current(mA))
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Input or output 1 or output 2 to power input:
Reinforced insulation (300 V)
Input to output 1 to output 2: Basic insulation (300 V)
RoHS Directive
EN 50581
Approval:
UL/C-UL nonincendive Class I, Division 2,
Groups A, B, C, and D
(ANSI/ISA-12.12.01, CAN/CSA-C22.2 No.213)
UL/C-UL general safety requirements
(UL 61010-1, CAN/CSA-C22.2 No.61010-1)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com