Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWK4532 Datasheet(PDF) 3 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # SWK4532
Description  N-Channel and P-Channel MOSFET useadvanced trench Technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

SWK4532 Datasheet(HTML) 3 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  SWK4532 Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SWK4532 Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SWK4532 Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SWK4532 Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SWK4532 Datasheet HTML 5Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SWK4532 Datasheet HTML 6Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SWK4532 Datasheet HTML 7Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SWK4532 Datasheet HTML 8Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
On state drain current
www.doingter.cn
—
3 —
Qg
Total Gate Charge
VGS=10V, VDS=15V,
ID=6A
13.84
nC
---
6.74
---
nC
Qgs
Gate-Source
Charge
---
1.82
---
nC
Qgd
Gate-Drain “Miller” Charge
---
3.2
---
nC
Drain-Source Diode Characteristics
Qrr
Reverse Recovery Charge
7.8
NC
P-Electrical Characteristics:(T
C=25℃ unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Sourtce Breakdown Voltage
VGS=-0V,ID=250μA
-30
---
---
V
IDSS
Zero Gate Voltage Drain Current
VGS=0V, VDS=-24V
---
---
-1
VGS=0V, VDS=-24V
---
---
-5
μA
IGSS
Gate-Source Leakage Current
VGS=±20V, VDS=0A
---
---
±100
nA
On Characteristics
VGS(th)
GATE-Source Threshold Voltage
VGS=VDS, ID=-250μA
-
-0.7
-1.3
V
ID
VGS=-5V, VDS=-4.5V
6
---
---
RDS(ON)
Drain-Source On Resistance
VGS=-10V,ID=-6A
---
52
65
mΩ
VGS=-4.5V,ID=-5A
---
59
75
GFS
Forward Transconductance
-5V, ID=-5A
---
12
---
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS=-15V, VGS=0V, f=1MHz
---
920
---
pF
Coss
Output Capacitance
---
190
---
Crss
Reverse Transfer Capacitance
---
122
---
Switching Characteristics
td(on)
Turn-On Delay Time
VDD=-15V, ID=-6A,
RGEN=3Ω,VGS=-10V
---
7.7
---
ns
tr
Rise Time
---
5.7
---
ns
td(off)
Turn-Off Delay Time
---
20.2
---
ns
---
---
---
---
---
---
---
IF=6A
dI/dt=100A/μs
0.5
VDS=
A
SWK4532



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com