Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWK4614 Datasheet(PDF) 1 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # SWK4614
Description  N-Channel and P-Channel MOSFET useadvanced trench Technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

SWK4614 Datasheet(HTML) 1 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  SWK4614 Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SWK4614 Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SWK4614 Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SWK4614 Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SWK4614 Datasheet HTML 5Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
—
1 —
Description:
This N-Chanel and P-Channel MOSFET use advanced trench technology
to provide excellent RDS(ON), low gate charge. This device may be used
to form a level shifted high side switch, and for a host of other application.
Features:
N-Channel:
VDS=40V,ID=6.7A,RDS(ON)<32mΩ@VGS=10V
P-Channel:
VDS=-40V,ID=-7.2A,RDS(ON)<40mΩ@VGS=-10V
1) High Power and current handing capability.
2) Lead free product is acquired.
3) Surface Mount Package.
Absolute Maximum Ratings:(T
C=25℃ unless otherwise noted)
Symbol
Parameter
N-Channel
P-Channel
Units
VDS
Drain-Source Voltage
40
-40
V
VGS
Gate-Source Voltage
±20
±20
V
ID
Drain Current-Continuous
6.7
-7.2
A
IDM (pluse)
Drain Current-Continuous@ Current-Pulsed
1
26.8
-28.8
PD
Power Dissipation
2.5
2.5
W
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
-55 to +150
℃
Thermal Characteristics:
Channel
Symbol
Parameter
Max
Units
N
RƟJA
Thermal Resistance,Junction to Ambient
62
℃/W
P
RƟJA
Thermal Resistance,Junction to Ambient
62
G2
D1
D1
D2
D2
S1
G1
S2
www.doingter.cn
SWK4614


Similar Part No. - SWK4614

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
SWK4612 DOINGTER-SWK4612 Datasheet
3Mb / 7P
N-Channel and P-Channel MOSFET useadvanced trench Technology
More results

Similar Description - SWK4614

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
CEM2539 DOINGTER-CEM2539 Datasheet
2Mb / 9P
N-Channel and P-Channel MOSFET useadvanced trench Technology
QM2602S DOINGTER-QM2602S Datasheet
2Mb / 9P
N-Channel and P-Channel MOSFET useadvanced trench technology
QS8M11L-S08-T DOINGTER-QS8M11L-S08-T Datasheet
3Mb / 8P
N-Channel and P-Channel MOSFET useadvanced trench Technology
SI4532CDY DOINGTER-SI4532CDY Datasheet
3Mb / 8P
N-Channel and P-Channel MOSFET useadvanced trench Technology
SI4554DY DOINGTER-SI4554DY Datasheet
3Mb / 8P
N-Chanel and P-Channel MOSFET useadvanced trench Technology
SI4559ADY DOINGTER-SI4559ADY Datasheet
3Mb / 7P
N-Chanel and P-Channel MOSFET useadvanced trench Technology
SWK4532 DOINGTER-SWK4532 Datasheet
3Mb / 8P
N-Channel and P-Channel MOSFET useadvanced trench Technology
SWK4612 DOINGTER-SWK4612 Datasheet
3Mb / 7P
N-Channel and P-Channel MOSFET useadvanced trench Technology
UM2601 DOINGTER-UM2601 Datasheet
2Mb / 9P
N-Channel and P-Channel MOSFET useadvanced trench Technology
UM3304 DOINGTER-UM3304 Datasheet
3Mb / 8P
N-Channel and P-Channel MOSFET useadvanced trench Technology
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com