Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WJF-6BA-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # WJF-6BA-R
Description  Dual Output Plug-in Signal Conditioners W-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WJF-6BA-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  WJF-6BA-R Datasheet HTML 1Page - M-System Co.,Ltd. WJF-6BA-R Datasheet HTML 2Page - M-System Co.,Ltd. WJF-6BA-R Datasheet HTML 3Page - M-System Co.,Ltd. WJF-6BA-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: WJF
WJF SPECIFICATIONS
ES-2280 Rev.10 Page 2/4
http://www.m-system.co.jp/
[4] POWER INPUT
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC
H: 220 V AC
J: 240 V AC
DC Power
S: 12 V DC
R: 24 V DC
V: 48 V DC
[5] OPTIONS (multiple selections)
Equation (Refer to the EQUATION table)
/1: Temperature compensation for DP flowmeter (ideal gas)
/2: Pressure compensation for DP flowmeter (ideal gas)
/3: Addition/subtraction
/4: Multiplication
/5: Division
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
EQUATION
Equation parameters
X0: output (%)
X1 to X2: input (%)
K0 to K2: gain ±29.999
A0 to A2: bias (%) ±299.99 %
EQUATION
/1: Temperature compensation for DP flowmeter (ideal gas)
K1X1
X0 =
K2X2+A2
where X0 : compensated flow (linear characteristic)
X1 : uncompensated flow (square root extraction available)
X2 : temperature
/2: Pressure compensation for DP flowmeter (ideal gas)
X0 = K1X1
K2X2+A2
where X0 : compensated flow (linear characteristic)
X1 : uncompensated flow (square root extraction available)
X2 : pressure
/3: Addition/subtraction
X 0 = K0 {K1 (X1+A1) + K2 (X2+A2)} + A0
/4: Multiplication
X0 = K0 (K1X1+A1) (K2X2+A2) + A0
/5:Division
K0 (K1X1+A1)
X0 =
+ A0
(K2X2+A2)
RELATED PRODUCTS
• Programming Unit (model: PU-2x)
• PC configurator software (model: JXCON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output 1 to output 2 to power (non-
isolated between inputs)
Overrange input: Approx. -25 to +125 %
Overrange output: Approx. -10 to +120 % at 1 – 5 V
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
Adjustable individually for each output 1 and output 2.
Adjustments: Programming Unit (model: PU-2x); equation
and parameters, square root extraction, zero and span, etc.
(Refer to the users manual of JXCON for the adjustments
configurable with JXCON.)
INPUT SPECIFICATIONS
■ DC Current: Input resistor incorporated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com