Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ8563R Datasheet(PDF) 21 Page - Microchip Technology

Part # KSZ8563R
Description  3-Port 10/100 Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8563R Datasheet(HTML) 21 Page - Microchip Technology

Back Button KSZ8563R Datasheet HTML 17Page - Microchip Technology KSZ8563R Datasheet HTML 18Page - Microchip Technology KSZ8563R Datasheet HTML 19Page - Microchip Technology KSZ8563R Datasheet HTML 20Page - Microchip Technology KSZ8563R Datasheet HTML 21Page - Microchip Technology KSZ8563R Datasheet HTML 22Page - Microchip Technology KSZ8563R Datasheet HTML 23Page - Microchip Technology KSZ8563R Datasheet HTML 24Page - Microchip Technology KSZ8563R Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 221 page
background image
 2017-2018 Microchip Technology Inc.
DS00002418D-page 21
KSZ8563R
After auto-negotiation is completed, the link status is updated in the PHY Basic Status Register, and the link partner
capabilities are updated in the PHY Auto-Negotiation Link Partner Ability Register and PHY Auto-Negotiation Expansion
Status Register.
4.1.6
QUIET-WIRE FILTERING
Quiet-WIRE is a feature to enhance 100BASE-TX EMC performance by reducing both conducted and radiated emis-
sions from the TXP/M signal pair. It can be used either to reduce absolute emissions, or to enable replacement of
shielded cable with unshielded cable, all while maintaining interoperability with standard 100BASE-TX devices.
Quiet-WIRE filtering is implemented internally, with no additional external components required. It is enabled or disabled
for all PHYs at power-up and reset by a strapping option on the SDO pin. Once the device is powered up, Quiet-WIRE
can be enabled or disabled by writing to the appropriate control register.
The default setting for Quiet-WIRE reduces emissions primarily above 60MHz, with less reduction at lower frequencies.
Several dB of reduction is possible. Signal attenuation is approximately equivalent to increasing the cable length by 10
to 20 meters, thus reducing cable reach by that amount. For applications needing more modest improvement in emis-
sions, the level of filtering can be reduced by writing to certain registers.
4.1.7
LinkMD® CABLE DIAGNOSTICS
The LinkMD® function utilizes Time Domain Reflectometry (TDR) to analyze the cabling for common cabling problems,
such as open circuits, short circuits and impedance mismatches.
LinkMD® works by sending a pulse of known amplitude and duration down the MDI or MDI-X pair, and then analyzing
the shape of the reflected signal to determine the type of fault. The time duration for the reflected signal to return pro-
vides the approximate distance to the cabling fault. The LinkMD® function processes this TDR information and presents
it as a numerical value that can be translated to a cable distance
4.1.8
REMOTE PHY LOOPBACK
This loopback mode checks the line (differential pairs, transformer, RJ-45 connector, Ethernet cable) transmit and
receive data paths between the KSZ8563R and its Ethernet PHY link partner, and is supported for 10/100Mbps at full-
duplex.
The loopback data path is shown in Figure 4-2 and functions as follows:
• The Ethernet PHY link partner transmits data to the KSZ8563R PHY port.
• Data received at the external pins of the PHY port is looped back without passing through the MAC and internal
switch fabric.
• The same KSZ8563R PHY port transmits data back to the Ethernet PHY link partner.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com