Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FXB0XT-EST Datasheet(PDF) 91 Page - Microchip Technology

Part # MCP47FXB0XT-EST
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FXB0XT-EST Datasheet(HTML) 91 Page - Microchip Technology

Back Button MCP47FXB0XT-EST Datasheet HTML 87Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 88Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 89Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 90Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 91Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 92Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 93Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 94Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 124 page
background image
 2020 Microchip Technology Inc.
DS20006368A-page 91
MCP47FXBX4/8
7.4.3
DISABLE CONFIGURATION BIT
(HIGH-VOLTAGE)
Figure 7-12 shows the formats for a single Modify Write
Protect or WiperLock Technology command.
A Modify Write Protect or WiperLock Technology com-
mand will only start an EEPROM write cycle (twc) after
a properly formatted command has been received and
the Stop condition occurs.
During an EEPROM write cycle, only serial commands
to volatile memory are accepted. All other serial com-
mands are ignored until the EEPROM write cycle (twc)
completes. This allows the host controller to operate on
the volatile DAC, the volatile VREF, Power-Down, Gain,
Status, and WiperLock Technology STATUS registers.
The EEWA bit in the STATUS register indicates the sta-
tus of an EEPROM write cycle.
FIGURE 7-12:
I2C Disable Command Sequence.
Note 1: This command sequence does not need to terminate (using the Stop bit) and can change to any other
desired command sequence (Enable, read or write).
2: This command byte is not required and the Stop bit may occur immediately after the 2nd ACK bit in this
sequence.
Memory Address
I2C ACK bit
SA
6
S
SA
5
SA
4
SA
3
SA
2
SA
1
SA
0
0
A
AD
4
AD
3
AD
2
AD
1
AD
0
0
1
X
A
AD
n
A
A
P
S
X
SA
n
0
1
I2C Start bit
I2C Slave Address
Disable command
Reserved, set to ‘0‘
I2C Stop bit(2)
Control byte
Disable command
Legend:
Disable command
0
I2C Write bit
AD
4
AD
3
AD
2
AD
1
AD
0
0
1
X
A
Disable command
AD
4
AD
3
AD
2
AD
1
AD
0
0
1
X
P
A I2C ACK bit(1)
.....



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com