Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WRPP Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # WRPP
Description  Dual Output Plug-in Signal Conditioners W-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WRPP Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  WRPP Datasheet HTML 1Page - M-System Co.,Ltd. WRPP Datasheet HTML 2Page - M-System Co.,Ltd. WRPP Datasheet HTML 3Page - M-System Co.,Ltd. WRPP Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: WRPP
WRPP SPECIFICATIONS
ES-2222 Rev.3 Page 2/4
http://www.m-system.co.jp/
INPUT SPECIFICATIONS
■ Dry Contact
Max. frequency: 100 kHz
Input requirements
Sensing: 5 V DC / 10 mA
Detecting level:
OFF: ≥ 3.0 V / ≥ 750 Ω
ON: ≤ 2.0 V / ≤ 333 Ω
Sensing voltage/current shows the excitation supply to the
input terminal and the current value at the time of
shortcircuit.
Detecting level shows the threshold used to determine ON
or OFF status of the pulses and the resistance values of the
dry contact of that time.
■ Voltage Pulse
Waveform: Square or sine
•3.3 V Pulse
Max. frequency: 1 MHz
Input impedance: Approx. 8 kΩ 100 pF
Max. voltage between terminals (pulse): -10 – +15 V
Max. voltage between terminals (DC): -5 – +10 V DC
Detecting level: VH ≥ 2.0 V, VL ≤ 1.3 V
•5 V Pulse
Max. frequency: 500 kHz
Input impedance: Approx. 14 kΩ 100 pF
Max. voltage between terminals (pulse): -10 – +15 V
Max. voltage between terminals (DC): -5 – +10 V DC
Detecting level: VH ≥ 3.0 V, VL ≤ 2.0 V
•12 V, 24 V Pulse
Max. frequency: 100 kHz
Input impedance: Approx. 20 kΩ
Max. voltage between terminals (pulse): -30 – +50 V
Max. voltage between terminals (DC): -30 – +50 V DC
Detecting level: VH ≥ 7.0 V, VL ≤ 5.0 V
■ RS-422 Line Driver Pulse
Maximum frequency: 1 MHz
Receiver: Conforms to RS-422
(No receiving resistor incorporated)
OUTPUT SPECIFICATIONS
■ Open collector
Max. frequency: 100 kHz
Rating: 50 V DC @ 100 mA
Saturation voltage: 0.12 V DC
■ Voltage Pulse: Rating (3.3, 5 or 12 V) ±20 %
Max. frequency ; Load resistance (the lower value of either
this or the maximum frequency of the input signal)
3.3 V 1 MHz ; 660 Ω
5 V 500 kHz ; 1 kΩ
12 V 100kHz ; 2.4 kΩ
Low level: ≤ 0.5 V
■ RS-422 Line Driver Pulse: Conforms to RS-422
Max. frequency: 1 MHz
Output current: ±20 mA
INSTALLATION
Power Consumption
•AC:
Approx. 4 VA at 100 V
Approx. 5 VA at 200 V
Approx. 6 VA at 240 V
•DC: Approx. 3 W
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 250 g (0.55 lb)
PERFORMANCE
Response time delay
•3.3 or 5 V voltage pulse or RS-422 line driver pulse:
Approx. 0.15 - 0.5 μsec.
•12 V voltage pulse or open collector: 0.2 - 2 μsec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
1 to output 2 to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Input or output 1 or output 2 to power input:
Reinforced insulation (300 V)
Input to output 1 to output 2: Basic insulation (300 V)
RoHS Directive
EN 50581



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com