Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WJS Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # WJS
Description  Dual Output Plug-in Signal Conditioners W-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WJS Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  WJS Datasheet HTML 1Page - M-System Co.,Ltd. WJS Datasheet HTML 2Page - M-System Co.,Ltd. WJS Datasheet HTML 3Page - M-System Co.,Ltd. WJS Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: WJS
WJS SPECIFICATIONS
ES-2270 Rev.9 Page 3/4
http://www.m-system.co.jp/
EXTERNAL VIEW
Front Cover (open)
Offset Adj.
Out. 2 Zero Adj.
Modular Jack
Out. 2 Span Adj.
Out. 1 Span Adj.
Out. 1 Zero Adj.
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
5
6
7
8
2
1
11
10
50 (1.97)
107 (4.21)
136 (5.35)
[3.3 (.13)]
40 (1.57)
50 (1.97)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
24.5 (.18) dia.
MTG HOLE
25 (.98) deep
11M3.5
SCREW
• When mounting, no extra space is needed between units.
3
9
4
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Base Socket
* The output increases when the self-synch rotates clockwise. For changing
the operation to counterclockwise, replace the connection of the S2 and S3.
**Be sure that the polarity of the power input to the WJS matches to the self-
synch input polarity. When the connetion is reversed, the WJS output will be
shifted by 180°.
4
Low Drift
Amplifier
5
6
3
Digital
Computation
SERIAL TRANSMISSION LINE
PU-2x
MODULAR JACK
OFFSET
U
V
POWER
7
8
S3
S2
S1
R1
R2
**
*
SELF-
SYNCH
+
OUTPUT 1
1
2
+
10
11
Isolation
S
Z
Output
Driver
S
Z
Output
Driver
OUTPUT 2
9



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com