Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM7136 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM7136
Description  Adjustable Constant Current LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7136 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM7136 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7136 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7136 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7136 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7136 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7136 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7136 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7136 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7136 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Page 4 of 4
Block Diagram
Electrical Characteristics
(VDD= 3.6V, Ta=25
OC, unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Sink Current
I sink
VDD=3.6V
10
1000
mA
Input Voltage
VDD
I sink=1A
2.7
18
V
CS Voltage
VCS
95
100
105
mV
Sink current accuracy
△
ILED/ILED
I sink=1A
-5
-2.5
5
%
Load Regulation
LDR
VLED=0.2V to 3V
VDD=3.6V
0.1
2
mA/V
Line Regulation
LNR
VLED= 3V
3.6V≤VDD≤18V
0.4
2
mA/V
Output dropout
voltage
V drop
VDD=3.6V, VLED= 0.5V
50
100
mV
Quiescent Current
ISS
VDD=3.6V
80
100
uA
Low Voltage
Protection
2.3
2.5
2.7
V
Low voltage hysteresis
Vhys
0.15
V
Thermal Shutdown
protection:
Tsd
165
℃
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com