Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWK4840 Datasheet(PDF) 3 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # SWK4840
Description  N-Channel MOSFET uses advanced trench technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

SWK4840 Datasheet(HTML) 3 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  SWK4840 Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SWK4840 Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SWK4840 Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SWK4840 Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.doingter.cn
—
3 —
Ism
Pulsed Source Current
2
---
---
10
A
Notes:
Typical Characteristics: (T
C=25℃ unless otherwise noted)
VG=VD=0V , Force Current
1.
Repetitive Rating : Pulsed width limited by maximum junction temperature.
2.
The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%.
3.
Essentially independent of operating temperature.
Fig.1 Continuous Drain Current vs. TC
Fig.3 Normalized Vth vs. TJ
TC , Case Temperature (℃)
Fig.2 Normalized RDSON vs. TJ
TJ , Junction Temperature (℃)
Qg , Gate Charge (nC)
Fig.4 Gate Charge Waveform
TJ , Junction Temperature (℃)
SWK4840



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com