Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWK4850 Datasheet(PDF) 3 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # SWK4850
Description  N-Channel MOSFET uses advanced trench technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

SWK4850 Datasheet(HTML) 3 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  SWK4850 Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SWK4850 Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SWK4850 Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SWK4850 Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SWK4850 Datasheet HTML 5Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.doingter.cn
—
3 —
Qg
Tota l Gate Charge
VGS=10V, VDS=30V,
ID=8A
---
38.5
---
nC
Qgs
Ga te-Source Cha rge
---
4.7
---
nC
Qgd
Ga te-Drain “Miller” Charge
---
10.3
---
nC
Drain-Source Diode Characteristics
VSD
Source-Drain Diode Forward Voltage
3
VGS=0V,IS=8A,TJ=25℃
---
---
1.
V
IS
Conti nuous Source Current
---
---
---
8
A
Trr
Reverse Recovery Ti me
---
28
---
Ns
Qrr
Reverse Recovery Cha rge
---
40
---
Nc
Notes:
Typical Characteristics: (T
C=25℃ unless otherwise noted)
1.
Repetitive Rating: Pulse width limited by maximum junction temperature.
2.
Surface Mounted on FR4 Board, t ≤ 10 sec.
3.
Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4.
Guaranteed by design, not subject to production
Vds Drain-Source Voltage (V)
Figure 1 Output Characteristics
Vgs Gate-Source Voltage (V)
Figure 2 Transfer Characteristics
TJ = 25°C, IF =8A
di/dt = 100A/μs
(Note3)
SWK4850



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com