Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDL4151 Datasheet(PDF) 2 Page - ON Semiconductor

Part # ESDL4151
Description  ESD and Surge Protection Device, Bidirectional, 15 V Micro?뭁ackaged Diodes for ESD Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESDL4151 Datasheet(HTML) 2 Page - ON Semiconductor

  ESDL4151 Datasheet HTML 1Page - ON Semiconductor ESDL4151 Datasheet HTML 2Page - ON Semiconductor ESDL4151 Datasheet HTML 3Page - ON Semiconductor ESDL4151 Datasheet HTML 4Page - ON Semiconductor ESDL4151 Datasheet HTML 5Page - ON Semiconductor ESDL4151 Datasheet HTML 6Page - ON Semiconductor ESDL4151 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Bi−Directional Surge Protector
IPP
IPP
V
I
IR
IT
IT
IR
VRWM
VC VBR
VRWM
VC
VBR
ESDL4151
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
*See Application Note AND8308/D for detailed explanations of
datasheet parameters.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse Working Voltage
VRWM
I/O Pin to GND
15
V
Breakdown Voltage
VBR
IT = 1 mA, I/O Pin to GND
15.5
16.6
19.5
V
Reverse Leakage Current
IR
@ 3.3 V, I/O Pin to GND
@ 15 V, I/O Pin to GND
0.1
1.0
mA
Clamping Voltage
VC
Per IEC61000−4−2, ±8 kV Contact
See Figures 1 & 2
V
Clamping Voltage TLP
(Note 1)
VC
IPP = 8 A IEC61000−4−2 Level 2 Equivalent
(±4 kV Contact, ±8 kV Air)
21.3
V
IPP = 16 A IEC61000−4−2 Level 4 Equivalent
(±8 kV Contact, ±16 kV Air)
22.9
V
Reverse Peak Pulse Current
IPP
IEC61000−4−5 (8x20 ms) Input Voltage
53
V
IEC61000−4−5 (8x20 ms) per Figure 11
11
A
Clamping Voltage 8x20 ms
Waveform per Figure A
(Note 2)
VC
IEC61000−4−5 (8x20 ms) Input Voltage = 53 V
23
26
V
Dynamic Resistance
RDYN
I/O Pin to GND (8x20 ms)
0.43
W
Junction Capacitance
CJ
VR = 0 V, f = 1 MHz
0.80
1.0
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. ANSI/ESD STM5.5.1 − Electrostatic Discharge Sensitivity Testing using Transmission Line Pulse (TLP) Model.
TLP conditions: Z0 = 50, tp = 100 ns, tr = 1 ns, averaging window; t1 = 70 ns to t2 = 90 ns.
2. Non−repetitive current pulse at TA = 25°C, per IEC61000−4−5 waveform.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com