Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WRPP-JAJ-R2 Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # WRPP-JAJ-R2
Description  Dual Output Plug-in Signal Conditioners W-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WRPP-JAJ-R2 Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  WRPP-JAJ-R2 Datasheet HTML 1Page - M-System Co.,Ltd. WRPP-JAJ-R2 Datasheet HTML 2Page - M-System Co.,Ltd. WRPP-JAJ-R2 Datasheet HTML 3Page - M-System Co.,Ltd. WRPP-JAJ-R2 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: WRPP
WRPP SPECIFICATIONS
ES-2222 Rev.3 Page 4/4
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Input Connection Examples
Output Connection Examples
+
−
4
12
+
–
+
−
4
12
+
–
+
−
5
6
+
–
+
−
5
6
+
–
+
−
1
11
+
–
+
−
2
3
+
–
Base Socket
Output Circuit
Phase A
Output Circuit
Phase B
Output Circuit
Phase A
4
12
7
14
8
9
1
11
15
10
10
15
+
500Ω
■ Dry Contact Input
■ Open Collector Output
■ Voltage Pulse Output
■ Open Collector Output
■ RS-422 Line Driver Pulse Output
–
8
9
+
–
5V
10
15
+
–
8
9
+
–
+
−
+
−
PHASE A
INPUT
OUTPUT 1
OUTPUT 2
+
−
PHASE B
5
6
+
−
+
−
2
3
+
−
U(+)
V(−)
POWER
+
−
1
11
+
–
+
−
2
3
+
–
Input
Circuit
Input
Circuit
Output Circuit
Phase B
+
−
4
12
+
–
+
–
+
−
5
6
+
–
+
–
+
−
1
11
+
–
+
–
+
−
2
3
+
–
+
–
RS-422
Receiver
8
9
RS-422
Receiver
10
15
Phase A
Phase A
Phase B
Phase B
+
−
+
−
Isolation
PHASE A
PHASE A
PHASE B
PHASE B
■ Voltage Pulse Input
■ RS-422 Line Driver Pulse Input
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com