Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEWTF-1111-C/CE Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # MEWTF-1111-C/CE
Description  Plug-in Signal Conditioners M-UNIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MEWTF-1111-C/CE Datasheet(HTML) 7 Page - M-System Co.,Ltd.

  MEWTF-1111-C/CE Datasheet HTML 1Page - M-System Co.,Ltd. MEWTF-1111-C/CE Datasheet HTML 2Page - M-System Co.,Ltd. MEWTF-1111-C/CE Datasheet HTML 3Page - M-System Co.,Ltd. MEWTF-1111-C/CE Datasheet HTML 4Page - M-System Co.,Ltd. MEWTF-1111-C/CE Datasheet HTML 5Page - M-System Co.,Ltd. MEWTF-1111-C/CE Datasheet HTML 6Page - M-System Co.,Ltd. MEWTF-1111-C/CE Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MODEL: MEWTF
MEWTF SPECIFICATIONS
ES-1927 Rev.7 Page 7/7
http://www.m-system.co.jp/
CUSTOM SPECIFICATION : OPTION /X1
Major specification changes
Input 0%: -10 - 0 % of input 100% (W)
MODEL: MEWTF-[1][2][3][4]–[5][6]
Same as standard specification (without customization)
except followings.
Refer to standard specification pages.
ORDERING INFORMATION
• Code number: MEWTF-[1][2][3][4]-[5][6]
For each [1] through [6] same code as standard
specification is available.
Be sure to specify /X1 of option [6].
(e.g. MEWTF-111A-B/X1/Q)
Refer to standard specification pages.
SPECIFICATION CHANGES
■ Input specifications
• Available input range
The value for 0% is within -10 - 0 % of input 100%.
e.g. Input range: -75 to 1000 [W]
-75 [W] ÷ 1000 [W] × 100 = -7.5 [%]
0
-75
-75
+1000 W
-1000
12
0
+1000 W
-1000
0
-10
4
■ OPERATION DIAGRAM (example)
20 mA
OUTPUT
INPUT
+10 V
OUTPUT
INPUT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com