Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM7166 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM7166
Description  Dual-channel progressive LED constant current driver chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7166 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM7166 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7166 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7166 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7166 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7166 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7166 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
- 4 -
输入电解电容设计
输入电解电容 C1 值越大,电压 Vin 纹波越小,
OUT 端口电压纹波越小。C1 值根据 LED 灯管总工作
电流而定:电流越大,C1 容值越大,一般取值 4.7uF/400V~22uF/400V。具体计算方法如下:
滤波电容 C1 容值:
V
t
I
C
LED
*
1
公式中,ILED 为整个方案中的恒流电流,时间 t :在 50Hz 时约为(1/4)*(1/fAC) = 5ms,ΔV 是 OUT 端
口电压纹波。
HM7166 双通道递进式 LED 恒流驱动芯片



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com