Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESM2BS2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # ESM2BS2
Description  Super-mini Signal Conditioners Mini-M Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

ESM2BS2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  ESM2BS2 Datasheet HTML 1Page - M-System Co.,Ltd. ESM2BS2 Datasheet HTML 2Page - M-System Co.,Ltd. ESM2BS2 Datasheet HTML 3Page - M-System Co.,Ltd. ESM2BS2 Datasheet HTML 4Page - M-System Co.,Ltd. ESM2BS2 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: M2BS2
M2BS2 SPECIFICATIONS
ES-5007 Rev.4 Page 1/5
http://www.m-system.co.jp/
Super-mini Signal Conditioners Mini-M Series
INSTALLATION BASE
Functions & Features
• Receiving up to 16 Mini-M modules
• Enabling interfacing analog I/Os to various network bus in
combination with the 61-UNIT series communication
modules
• Power supplied through printed wiring on the base
SPAN
SPAN
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
ZERO
Model
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
MODEL: M2BS2–[1][2]-[3]
ORDERING INFORMATION
• Code number: M2BS2-[1][2]-[3]
Specify a code from below for each of [1] through [3].
(e.g. M2BS2-161-K)
[1] CAPACITY
04: 4 positions
08: 8 positions
16: 16 positions
[2] I/O TYPE
1: Input (Select 1 – 5V DC for output)
2: Output (Select 1 – 5V DC for input)
[3] POWER INPUT
AC Power
K: 85 – 132 V AC
(Operational voltage range 85 – 132 V, 47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
RELATED PRODUCTS
• Analog I/O Module (model: 61x)
Match the power input specification for the 61x and M2BS2.
GENERAL SPECIFICATIONS
Capacity: 4, 8 or 16 positions
Connection
Power input: M3 screw terminals (torque 0.8 N·m)
Input and output: M3 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel
Isolation: I/O module to power to FG1
INSTALLATION
Power Consumption
•AC
Approx. 30 VA with 4 modules (M2DY)
Approx. 50 VA with 8 modules (M2DY)
Approx. 90 VA with 16 modules (M2DY)
Current consumption:
•DC
Approx. 1 A with 4 modules (M2DY)
Approx. 1.5 A with 8 modules (M2DY)
Approx. 2.5 A with 16 modules (M2DY)
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Surface
Weight: Without I/O module
M2BS2-04 1.0 kg (2.2 lb)
M2BS2-08 1.3 kg (2.9 lb)
M2BS2-16 1.8 kg (4.0 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1000 V AC @1 minute (I/O module to
power to FG1)


Similar Part No. - ESM2BS2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
ESM2BS8 MSYSTEM-ESM2BS8 Datasheet
130Kb / 4P
Super-mini Signal Conditioners Mini-M Series
More results

Similar Description - ESM2BS2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2AP MSYSTEM-M2AP Datasheet
133Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2AMS2 MSYSTEM-M2AMS2 Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2DYS MSYSTEM-M2DYS Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2DYHR MSYSTEM-M2DYHR Datasheet
107Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2BW MSYSTEM-M2BW Datasheet
88Kb / 2P
Super-mini Signal Conditioners Mini-M Series
M2LMS MSYSTEM-M2LMS Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2FV MSYSTEM-M2FV Datasheet
113Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2PHS2 MSYSTEM-M2PHS2 Datasheet
128Kb / 5P
Super-mini Signal Conditioners Mini-M Series
M2XV2 MSYSTEM-M2XV2 Datasheet
118Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2VF MSYSTEM-M2VF Datasheet
111Kb / 6P
Super-mini Signal Conditioners Mini-M Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com