Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESM2AS1 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # ESM2AS1
Description  Super-mini Signal Conditioners Mini-M Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

ESM2AS1 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  ESM2AS1 Datasheet HTML 1Page - M-System Co.,Ltd. ESM2AS1 Datasheet HTML 2Page - M-System Co.,Ltd. ESM2AS1 Datasheet HTML 3Page - M-System Co.,Ltd. ESM2AS1 Datasheet HTML 4Page - M-System Co.,Ltd. ESM2AS1 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: M2AS1
M2AS1 SPECIFICATIONS
ES-5064 Rev.12 Page 1/5
http://www.m-system.co.jp/
Super-mini Signal Conditioners Mini-M Series
DC ALARM
(thumbwheel switch adjustment; single SPDT output)
Functions & Features
• Provides a SPDT relay output at a preset DC input level
• Thumbwheel switch setpoint adjustments
• Adjustable deadband
• Latching or non-latching output
• Relays energized or de-energized at tripped condition
Typical Applications
• Annunciator
• Various alarm applications
3
1
4
4
23 (.91)
76
(2.99)
124
(4.88)
mm (inch)
MODEL: M2AS1–[1][2][3][4]–[5][6]
ORDERING INFORMATION
• Code number: M2AS1-[1][2][3][4]-[5][6]
Specify a code from below for each of [1] through [6].
(e.g. M2AS1-6111-M2/CE/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
Voltage
4: 0 – 10 V DC (Input resistance 1 MΩ min.)
5: 0 – 5 V DC (Input resistance 1 MΩ min.)
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
[2] ALARM OUTPUT
1: Hi (coil energized at alarm)
2: Hi (coil de-energized at alarm)
3: Lo (coil energized at alarm)
4: Lo (coil de-energized at alarm)
[3] ON DELAY TIME
1: 0.05 second
2: 0.1 second
3: 0.2 second
4: 0.5 second
5: 1 second
6: 2 seconds
7: 5 seconds
8: 10 seconds
[4] POWER ON DELAY TIME
1: 1 second
2: 2 seconds
3: 3 seconds
4: 4 seconds
[5] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
R2: 11 – 27 V DC
(Operational voltage range 11 – 27 V, ripple 10 %p-p max.)
(Select ‘/N’ for ‘Standards & Approvals’ code.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
[6] OPTIONS (multiple selections)
Standards & Approvals (must be specified)
/N: Without CE
/CE: CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3 screw terminals (torque 0.8 N·m)
Screw terminal: Chromated steel (standard) or stainless
steel


Similar Part No. - ESM2AS1

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
ESM2AC MSYSTEM-ESM2AC Datasheet
102Kb / 3P
Super-mini Signal Conditioners Mini-M Series
ESM2ADS MSYSTEM-ESM2ADS Datasheet
106Kb / 4P
Super-mini Signal Conditioners Mini-M Series
ESM2AMS MSYSTEM-ESM2AMS Datasheet
110Kb / 3P
Super-mini Signal Conditioners Mini-M Series
ESM2AMS2 MSYSTEM-ESM2AMS2 Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
ESM2AP MSYSTEM-ESM2AP Datasheet
133Kb / 4P
Super-mini Signal Conditioners Mini-M Series
More results

Similar Description - ESM2AS1

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2AP MSYSTEM-M2AP Datasheet
133Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2AMS2 MSYSTEM-M2AMS2 Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2DYS MSYSTEM-M2DYS Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2DYHR MSYSTEM-M2DYHR Datasheet
107Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2BW MSYSTEM-M2BW Datasheet
88Kb / 2P
Super-mini Signal Conditioners Mini-M Series
M2LMS MSYSTEM-M2LMS Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2FV MSYSTEM-M2FV Datasheet
113Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2PHS2 MSYSTEM-M2PHS2 Datasheet
128Kb / 5P
Super-mini Signal Conditioners Mini-M Series
M2XV2 MSYSTEM-M2XV2 Datasheet
118Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2VF MSYSTEM-M2VF Datasheet
111Kb / 6P
Super-mini Signal Conditioners Mini-M Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com