Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLSB-R5 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # CLSB-R5
Description  CLAMP-ON CURRENT SENSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CLSB-R5 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  CLSB-R5 Datasheet HTML 1Page - M-System Co.,Ltd. CLSB-R5 Datasheet HTML 2Page - M-System Co.,Ltd. CLSB-R5 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: CLSB
http://www.m-system.co.jp/
CLSB SPECIFICATIONS
ES-9286 Rev.7 Page 1/3
CLAMP-ON CURRENT SENSOR
Functions & Features
•Easy-to-install, spring-loaded, clamp-on type current
sensor
•Over-voltage clamp element for safety in open circuit
•Wide frequency band
•Screw terminal connection
MODEL: CLSB–[1]
ORDERING INFORMATION
• Code number: CLSB-[1]
Specify a code from below for [1].
(e.g. CLSB-05)
Confirm the correct sensor type described on the data sheet
of the combined transducer/transmitter module.
[1] INPUT
R5: 5 A
05: 50 A
10: 100 A
20: 200 A
40: 400 A
60: 600 A
CAUTION
Before you remove the sensor module or mount it, turn off
the input signal for safety. While the line is alive, the
module’s cores, attracted to each other, may be hard to
separate.
RELATED PRODUCTS
■ CLSB-05, 10, 20, 40 and 60
•AC current input module (model: R3-CT4B)
•AC current input module (model: R3-CT8B)
•AC current input module (model: R5T-CTB)
•AC current transducer (model: 14CEC)
•AC current transducer (model: LTCEC)
•CT transmitter (model: CTC)
•High AC current transmitter (model: CTCS)
•CT transmitter (model: KCEC)
•AC current transmitter (model: M2CEC)
•CT transmitter (model: M5CTC)
•CT converter (model: M8CTC)
•CT transmitter (model: M6xCTC)
■ CLSB-05 and 10
•Multi power input module (model: R3-WT1B)
•Multi power input module (model: R3-WT4B)
■ CLSB-R5
•AC current input module (model: R3-CT4C)
•AC current input module (model: R3-CT8C)
GENERAL SPECIFICATIONS
Construction: Clamp
Connection: M3 screw terminals (torque 0.5 N·m)
Housing material: Flame-resistant resin (black)
Applicable wire size: AWG22 or thicker (Max. 30 meters,
twisted)
Detachable number of times: Approx. 100 times
INPUT SPECIFICATIONS
Max. working voltage: 440 V AC (primary side)
Operational range & overload capacity
CLSB-R5: 5 A maximum 10 A continuous
CLSB-05: 50 A maximum 100 A continuous
CLSB-10: 100 A maximum 200 A continuous
CLSB-20: 200 A maximum 300 A continuous
CLSB-40: 400 A maximum 600 A continuous
CLSB-60: 600 A maximum 720 A continuous
Caution 1: The output values may vary depending on the
accuracy of engagement at the clamp connection.
Caution 2: The sensor’s mechanical construction may cause
it to generate resonance sound. However, it does not affect
the perfomrance of the sensor.
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Fix with a binding strap.
Weight
CLSB-R5: 45 g (1.6 oz)
CLSB-05: 45 g (1.6 oz)
CLSB-10: 80 g (2.8 oz)
CLSB-20: 200 g (7.1 oz)
CLSB-40: 300 g (10.6 oz)
CLSB-60: 360 g (12.7 oz)
PERFORMANCE
Accuracy: ±1 % (45 – 65 Hz)
±2 % (65.1 Hz – 1.2 kHz) (except the CLSB-60)
Insulation resistance: ≥ 100 MΩ with 500 V DC
(sensor core to output terminal)
Dielectric strength: 1000 V AC @ 1 minute


Similar Part No. - CLSB-R5

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
CLSB-R5 MSYSTEM-CLSB-R5 Datasheet
100Kb / 3P
CLAMP-ON CURRENT SENSOR
More results

Similar Description - CLSB-R5

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
CA250 EXTECH-CA250 Datasheet
103Kb / 1P
400A AC/DC Current Clamp-on MultiMeter Adaptor
CA310 EXTECH-CA310 Datasheet
195Kb / 2P
300A AC Current Clamp-on
logo
M-System Co.,Ltd.
CLSE MSYSTEM-CLSE Datasheet
116Kb / 2P
CLAMP-ON CURRENT SENSOR
CLSB MSYSTEM-CLSB Datasheet
100Kb / 3P
CLAMP-ON CURRENT SENSOR
ESCLSE MSYSTEM-ESCLSE Datasheet
116Kb / 2P
CLAMP-ON CURRENT SENSOR
CLSA MSYSTEM-CLSA Datasheet
84Kb / 2P
CLAMP-ON CURRENT SENSOR
CLSC MSYSTEM-CLSC Datasheet
83Kb / 2P
CLAMP-ON CURRENT SENSOR
CLSD MSYSTEM-CLSD Datasheet
118Kb / 3P
CLAMP-ON CURRENT SENSOR
CLSP MSYSTEM-CLSP Datasheet
94Kb / 2P
CLAMP-ON PULSE SENSOR
logo
Pepperl+Fuchs Inc.
FB9286 PF-FB9286 Datasheet
276Kb / 1P
Clamp-on tag
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com