Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6NXAR-5-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M6NXAR-5-R
Description  Screw terminal connection type ultra-thin converter M6N series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6NXAR-5-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M6NXAR-5-R Datasheet HTML 1Page - M-System Co.,Ltd. M6NXAR-5-R Datasheet HTML 2Page - M-System Co.,Ltd. M6NXAR-5-R Datasheet HTML 3Page - M-System Co.,Ltd. M6NXAR-5-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
机型: M6NXAR
M6NXAR规格书
CS-7923 Rev.5 Page 3/4
https://www.m-system.co.jp/
面板图
(打开前端面板盖时)
状态显示灯
报警显示灯
设定器接口
电源显示灯
外形尺寸图(单位 : mm)・端子编号图
7.5
・可进行高密度安装
※1、要使用轴径为6mm以下的螺丝刀。
DIN导轨
(宽35mm)
DIN导轨扣
102
(1)
8-M3
欧式端子
约35°
(电缆线插入角度)
约55°
(螺丝刀※1插入
角度)
约40°
(螺丝刀插入
角度)
5
6
7
8
1
2
3
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com