Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5820 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC5820
Description  Silicon NPN Epitaxial High Frequency Low Noise Amplifier / Oscillator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5820 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC5820 Datasheet HTML 1Page - Renesas Technology Corp 2SC5820 Datasheet HTML 2Page - Renesas Technology Corp 2SC5820 Datasheet HTML 3Page - Renesas Technology Corp 2SC5820 Datasheet HTML 4Page - Renesas Technology Corp 2SC5820 Datasheet HTML 5Page - Renesas Technology Corp 2SC5820 Datasheet HTML 6Page - Renesas Technology Corp 2SC5820 Datasheet HTML 7Page - Renesas Technology Corp 2SC5820 Datasheet HTML 8Page - Renesas Technology Corp 2SC5820 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2SC5820
Rev.2.00 Aug 10, 2005 page 3 of 10
Main Characteristics
0
50
100
150
200
100
Collector Power Dissipation Curve
10
100
200
0
120
Collector Current
IC (mA)
DC Current Transfer Ratio vs.
Collector Current
25
50
VCE = 2 V
00.4
0.6
1
Typical Transfer Characteristics
Typical Output Characteristics
Ambient Temperature
Ta (°C)
Collector to Emitter Voltage
VCE (V)
Base to Emitter Voltage
VBE (V)
0.2
0.8
VCE = 2 V
50
100
150
200
50
40
30
20
10
10
20
30
40
50
150
50
01
2
3
4
IB = 50 µA
100
µA
150
µA
200
µA
250
µA
300
µA
350
µA
400
µA
450
µA
500
µA
Collector to Base Voltage VCB (V)
Collector Output Capacitance vs.
Collector to Base Voltage
0.2
0.4
0.6
0.8
1.0
01
2
3
4
5
0
Emitter to Base Voltage VEB (V)
Emitter Input Capacitance vs.
Emitter to Base Voltage
0.4
0.8
1.2
1.6
2.0
-1
1
0
0
IE = 0
f = 1 MHz
IC = 0
f = 1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com