Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XD6702 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XD6702
Description  36V input, 300mA low supply current, high speed voltage regulators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XD6702 Datasheet(HTML) 3 Page - Torex Semiconductor

  XD6702 Datasheet HTML 1Page - Torex Semiconductor XD6702 Datasheet HTML 2Page - Torex Semiconductor XD6702 Datasheet HTML 3Page - Torex Semiconductor XD6702 Datasheet HTML 4Page - Torex Semiconductor XD6702 Datasheet HTML 5Page - Torex Semiconductor XD6702 Datasheet HTML 6Page - Torex Semiconductor XD6702 Datasheet HTML 7Page - Torex Semiconductor XD6702 Datasheet HTML 8Page - Torex Semiconductor XD6702 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
3/27
XD6702
Series
PIN NUMBER
PIN NAME
FUNCTIONS
1
VOUT
Output
2
VSS
Ground
3
CE
ON/OFF Control
4
NC
No Connection
5
VIN
Power Input
PIN NAME
SIGNAL
STATUS
CE
L
Stand-by
H
Active
OPEN
Unstable
SOT-89-5
(TOP VIEW)
5
2
4
3
2
1
VIN
NC
VOUT
VSS
CE
■PIN ASSIGNMENT
■PIN FUNCTION ASSIGNMENT
* Avoid leaving the CE pin open ; set to any fixed voltage.
■PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com