Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10BXA-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 10BXA-R
Description  High-density Signal Conditioners 10-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

10BXA-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  10BXA-R Datasheet HTML 1Page - M-System Co.,Ltd. 10BXA-R Datasheet HTML 2Page - M-System Co.,Ltd. 10BXA-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: 10BXA
http://www.m-system.co.jp/
10BXA SPECIFICATIONS
ES-0892 Rev.9 Page 1/3
High-density Signal Conditioners 10-RACK
STANDARD RACK
(with air manifold)
Functions & Features
• Standard 19" rack for I/P transducers (model: 10VP)
• Line power access at the terminal card, supplied via the
rear rack bus
• Supply pressure at the manifold plug
• Other 10-Rack signal conditioners are also mountable
MODEL: 10BXA–R[1]
ORDERING INFORMATION
• Code number: 10BXA-R[1]
Specify a code from below for [1].
(e.g. 10BXA-R/Q)
• Specify the specification for option code /Q
(e.g. /C01)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
Power supply and signal conditioner side of the main PWB are not coated.
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Construction: Metal plates assembly
Coating: Zn-Cr (black), alumetized steel
Capacity: 16 positions
Connection
Power input: M4 screw terminals
(torque 0.8 N·m)
Pneumatic: Rc 3/8" female (torque ≤ 12 N·m)
Screw terminal: Nickel-plated brass
Manifold: Aluminium alloy
Isolation: Power to FG
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: JIS/EIA standard rack or angle bracket
Weight: 4.5 kg (9.9 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 500 V AC @ 1 minute (power to FG)
Maximum supply pressure: 196 kPa
(2 kgf/cm2, 1.96 bar, 28 psig)


Similar Part No. - 10BXA-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
10BXAN MSYSTEM-10BXAN Datasheet
103Kb / 3P
High-density Signal Conditioners 10-RACK
10BXAN-1 MSYSTEM-10BXAN-1 Datasheet
103Kb / 3P
High-density Signal Conditioners 10-RACK
10BXAN-1/W MSYSTEM-10BXAN-1/W Datasheet
103Kb / 3P
High-density Signal Conditioners 10-RACK
10BXAN-2 MSYSTEM-10BXAN-2 Datasheet
103Kb / 3P
High-density Signal Conditioners 10-RACK
10BXAN-2/W MSYSTEM-10BXAN-2/W Datasheet
103Kb / 3P
High-density Signal Conditioners 10-RACK
More results

Similar Description - 10BXA-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
10JT MSYSTEM-10JT Datasheet
101Kb / 3P
High-density Signal Conditioners 10-RACK
10JFT MSYSTEM-10JFT Datasheet
177Kb / 5P
High-density Signal Conditioners 10-RACK
10EHZ MSYSTEM-10EHZ Datasheet
97Kb / 3P
High-density Signal Conditioners 10-RACK
10EC MSYSTEM-10EC Datasheet
67Kb / 1P
High-density Signal Conditioners 10-RACK
10DNY MSYSTEM-10DNY Datasheet
97Kb / 3P
High-density Signal Conditioners 10-RACK
10CA MSYSTEM-10CA Datasheet
93Kb / 3P
High-density Signal Conditioners 10-RACK
10BOS MSYSTEM-10BOS Datasheet
99Kb / 3P
High-density Signal Conditioners 10-RACK
10AP MSYSTEM-10AP Datasheet
116Kb / 3P
High-density Signal Conditioners 10-RACK
10ABS MSYSTEM-10ABS Datasheet
86Kb / 2P
High-density Signal Conditioners 10-RACK
10YS MSYSTEM-10YS Datasheet
91Kb / 3P
High-density Signal Conditioners 10-RACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com