Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XD6702D301PR-Q Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XD6702D301PR-Q
Description  36V input, 300mA low supply current, high speed voltage regulators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XD6702D301PR-Q Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XD6702D301PR-Q Datasheet HTML 17Page - Torex Semiconductor XD6702D301PR-Q Datasheet HTML 18Page - Torex Semiconductor XD6702D301PR-Q Datasheet HTML 19Page - Torex Semiconductor XD6702D301PR-Q Datasheet HTML 20Page - Torex Semiconductor XD6702D301PR-Q Datasheet HTML 21Page - Torex Semiconductor XD6702D301PR-Q Datasheet HTML 22Page - Torex Semiconductor XD6702D301PR-Q Datasheet HTML 23Page - Torex Semiconductor XD6702D301PR-Q Datasheet HTML 24Page - Torex Semiconductor XD6702D301PR-Q Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
21/27
XD6702
Series
Ta=25℃, VIN = VOUT(T) + 1.0V, VCE = VIN, IOUT = 1mA , CIN
= 1.0μF, C
L
= 2.2μF(ceramic) unless otherwise specified.
This parameter is tested on VIN=4.5V if the input voltage is under 4.5V.
(8) Input Transient Response
(9) Load Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com