Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10VPN Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 10VPN
Description  High-density Signal Conditioners 10-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

10VPN Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  10VPN Datasheet HTML 1Page - M-System Co.,Ltd. 10VPN Datasheet HTML 2Page - M-System Co.,Ltd. 10VPN Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: 10VPN
http://www.m-system.co.jp/
10VPN SPECIFICATIONS
ES-0830 Rev.13 Page 3/3
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Pilot
Valve
Z
S
SUPPLY
PRESSURE
Semiconductor
Pressure Sensor
Deviation
Amplifier
+
+
–
INPUT
7
8
5
6
Driver
Power
Supply
–
+
OUTPUT
INPUT
ELECTRO-MAGNETIC
FLAPPER
When the input signal is provided from the card-edge connector,
the front terminals are not available for use.
mA
MONITOR
(4 – 20mA DC)
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com