Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15CA-16-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 15CA-16-R
Description  Dual Channel Input/Output Isolators 15-RACK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

15CA-16-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  15CA-16-R Datasheet HTML 1Page - M-System Co.,Ltd. 15CA-16-R Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: 15CA
15CA SPECIFICATIONS
ES-0637 Rev.6 Page 1/2
http://www.m-system.co.jp/
Dual Channel Input/Output Isolators 15-RACK
CT CONVERTER
(Average sensing, RMS calibrated)
Functions & Features
• Converting an alternating current from a current
transformer into a standard process signal
• Minimum ripple
• 2 channels available; accomplishing economical and
space-saving multi-input processing
Typical Applications
• Centralized monitoring and control of motors, pumps or
heaters by DCS
• Monitoring power line and power supply current
MODEL: 15CA–[1]6-R[2]
ORDERING INFORMATION
• Code number: 15CA-[1]6-R[2]
Specify a code from below for each [1] and [2].
(e.g. 15CA-16-R/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] INPUT (sine wave)
Current
1: 0 – 1 A AC
5: 0 – 5 A AC
OUTPUT
Voltage
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[2] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• EXTENDER CARD (model:10EC)
Necessary to adjust span.
GENERAL SPECIFICATIONS
Construction: Rack-mounted; terminal access via screw
terminals at the front and via card-edge connector at the
rear; terminal cover provided
Connection
Input: M3.5 screw terminals (torque 0.8 N·m)
Output: Card-edge connector and M3.5 screw terminals
(torque 0.8 N·m)
Power input: Supplied from card-edge connector
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output or power; ch.1 input to ch.2 input
Input waveform: Sine wave
Overrange output: 0 to 120 %
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (top)
INPUT SPECIFICATIONS
Frequency: 50 or 60 Hz
Input burden: 0.5 VA max.
Overload capacity: 500 % of rating for 5 sec., 120 %
continuous
Operational range: 0 – 120 % of rating
INSTALLATION
Power consumption: Approx. 10 mA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Standard Rack 15BX
Weight: 180 g (0.40 lb)


Similar Part No. - 15CA-16-R

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
15C0.25YY BELDEN-15C0.25YY Datasheet
155Kb / 2P
MachFlex™ LiYY, 15 C 0.25mm² Str BC, PVC Ins, PVC Jkt
07-04-2024
15C0.25YY006100M BELDEN-15C0.25YY006100M Datasheet
155Kb / 2P
MachFlex™ LiYY, 15 C 0.25mm² Str BC, PVC Ins, PVC Jkt
07-04-2024
15C0.25YY006200M BELDEN-15C0.25YY006200M Datasheet
155Kb / 2P
MachFlex™ LiYY, 15 C 0.25mm² Str BC, PVC Ins, PVC Jkt
07-04-2024
15C0.25YY006300M BELDEN-15C0.25YY006300M Datasheet
155Kb / 2P
MachFlex™ LiYY, 15 C 0.25mm² Str BC, PVC Ins, PVC Jkt
07-04-2024
15C0.25YY010100M BELDEN-15C0.25YY010100M Datasheet
155Kb / 2P
MachFlex™ LiYY, 15 C 0.25mm² Str BC, PVC Ins, PVC Jkt
07-04-2024
More results

Similar Description - 15CA-16-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
15BX MSYSTEM-15BX Datasheet
132Kb / 4P
Dual Channel Input/Output Isolators 15-RACK
15CE MSYSTEM-15CE Datasheet
90Kb / 2P
Dual Channel Input/Output Isolators 15-RACK
15MS MSYSTEM-15MS Datasheet
91Kb / 2P
Dual Channel Input/Output Isolators 15-RACK
15PA MSYSTEM-15PA Datasheet
91Kb / 2P
Dual Channel Input/Output Isolators 15-RACK
15PE MSYSTEM-15PE Datasheet
90Kb / 2P
Dual Channel Input/Output Isolators 15-RACK
15RS MSYSTEM-15RS Datasheet
92Kb / 3P
Dual Channel Input/Output Isolators 15-RACK
15SN MSYSTEM-15SN Datasheet
89Kb / 2P
Dual Channel Input/Output Isolators 15-RACK
15TS MSYSTEM-15TS Datasheet
145Kb / 4P
Dual Channel Input/Output Isolators 15-RACK
15VK MSYSTEM-15VK Datasheet
94Kb / 3P
Dual Channel Input/Output Isolators 15-RACK
15YK MSYSTEM-15YK Datasheet
90Kb / 2P
Dual Channel Input/Output Isolators 15-RACK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com