Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15RS-16-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 15RS-16-R
Description  Dual Channel Input/Output Isolators 15-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

15RS-16-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  15RS-16-R Datasheet HTML 1Page - M-System Co.,Ltd. 15RS-16-R Datasheet HTML 2Page - M-System Co.,Ltd. 15RS-16-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: 15RS
15RS SPECIFICATIONS
ES-0614 Rev.7 Page 1/3
http://www.m-system.co.jp/
Dual Channel Input/Output Isolators 15-RACK
RTD CONVERTER
Functions & Features
• Accepting direct input from an RTD and providing a
standard process signal
• Linearization
• Burnout protection
• 2 channels available; accomplishing economical and
space-saving multi-input processing
Typical Applications
• Converting into standard signals
• Power plant
MODEL: 15RS–[1]6–R[2]
ORDERING INFORMATION
• Code number: 15RS-[1]6-R[2]
Specify a code from below for each [1] and [2].
(e.g. 15RS-46-R/BL/Q)
• Temperature range (e.g. 0 – 100°C)
• Specify the specification for option code /Q
(e.g. /C01)
[1] INPUT RTD (2- or 3-wire)
1: JPt 100 (JIS'89)
(Usable range: -200 to +500°C, -328 to +932°F; min.span: 30°C, 54°F)
3: Pt 100 (JIS'89)
(Usable range: -200 to +650°C, -328 to +1202°F; min.span: 30°C, 54°F)
4: Pt 100 (JIS'97, IEC)
(Usable range: -200 to +650°C, -328 to +1202°F; min.span: 30°C, 54°F)
5: Pt 50 Ω (JIS'81)
(Usable range: -200 to +500°C, -328 to +932°F; min.span: 60°C, 108°F)
6: Ni 508.4 Ω
(Usable range: -50 to +200°C, -58 to +392°F; min.span: 20°C, 36°F)
0: Specify
Note: Consult M-System for 2-wire RTD
OUTPUT
Voltage
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[2] OPTIONS (multiple selections)
Burnout
blank: Upscale burnout
/BL: Downscale burnout
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• EXTENDER CARD (model:10EC)
Necessary to adjust span.
GENERAL SPECIFICATIONS
Construction: Rack-mounted; terminal access via screw
terminals at the front and via card-edge connector at the
rear; terminal cover provided
Connection:
Input: M3.5 screw terminals (torque 0.8 N·m)
Output: Card-edge connector
Power input: Suplied from card edge connector
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output or power; ch.1 input to ch.2 input
Overrange output: Approx. -10 to +120 %
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (top)
At burnout: Downscale ≤ -10 %, Upscale ≥ 110 %
Linearization: Standard
INPUT SPECIFICATIONS
Maximum leadwire resistance: 20 Ω per wire (3-wire)
Sensing current: 2 mA (Pt)


Similar Part No. - 15RS-16-R

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
15R0J OHMITE-15R0J Datasheet
239Kb / 2P
Power Chip짰 Thick Film on Alumina Substrate
logo
Satco Products, Inc.
15R30/27 SATCO-15R30/27 Datasheet
124Kb / 1P
15 watt; R30 Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts; 2-pack
15R30/27/GU24 SATCO-15R30/27/GU24 Datasheet
126Kb / 2P
15 watt; R30 Compact Fluorescent; 2700K; 82 CRI; GU24 base; 120 volts
15R30/41 SATCO-15R30/41 Datasheet
125Kb / 1P
15 watt; R30 Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
15R30/50 SATCO-15R30/50 Datasheet
125Kb / 1P
15 watt; R30 Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
More results

Similar Description - 15RS-16-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
15BX MSYSTEM-15BX Datasheet
132Kb / 4P
Dual Channel Input/Output Isolators 15-RACK
15CA MSYSTEM-15CA Datasheet
90Kb / 2P
Dual Channel Input/Output Isolators 15-RACK
15CE MSYSTEM-15CE Datasheet
90Kb / 2P
Dual Channel Input/Output Isolators 15-RACK
15MS MSYSTEM-15MS Datasheet
91Kb / 2P
Dual Channel Input/Output Isolators 15-RACK
15PA MSYSTEM-15PA Datasheet
91Kb / 2P
Dual Channel Input/Output Isolators 15-RACK
15PE MSYSTEM-15PE Datasheet
90Kb / 2P
Dual Channel Input/Output Isolators 15-RACK
15SN MSYSTEM-15SN Datasheet
89Kb / 2P
Dual Channel Input/Output Isolators 15-RACK
15TS MSYSTEM-15TS Datasheet
145Kb / 4P
Dual Channel Input/Output Isolators 15-RACK
15VK MSYSTEM-15VK Datasheet
94Kb / 3P
Dual Channel Input/Output Isolators 15-RACK
15YK MSYSTEM-15YK Datasheet
90Kb / 2P
Dual Channel Input/Output Isolators 15-RACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com