Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM8410 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8410
Description  9.5W anti-cut top dual-channel class D audio power amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8410 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8410 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8410 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8410 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8410 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8410 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8410 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8410 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8410 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8410 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
-4-
VDD = 8.5V,VSS=0V, Av=26dB, Ta=25ºC, CIN=0.1uF, ACF-Off模式, 除非特殊说明
参数
符号
条件
最小值
典型值
最大值
单位
输出功率
PO
RL=4Ω
f=1kHz,
THD+N=10%
2×9.5
W
RL=8Ω
2×5.3
RL=4Ω,
f=1kHz,
THD+N=1%
2×7.6
RL=8Ω
2×4.3
总谐波失真加噪声
THD+N
PO=0.1W
RL=4Ω,
f=1kHz
0.22
%
PO=1.0W
0.30
%
PO=3.0W
0.30
%
输出噪声
VN
f=20Hz~20kHz, A加权
160
µVrms
信噪比
SNR
A加权, Av=26dB, THD+N = 1%
91
dB
失调电压
VOS
±
6.5
mV
效率
η
RL=4Ω+22uH, THD+N = 10%
87
%
RL=8Ω+33uH, THD+N = 10%
93
%
静态电流
IDD
No Load
Input
Grounded
21
mA
With Load
*5
27.5
mA
关断电流
ISD
No Load
CTRL=VSS
1.0
µA
With Load
*5
1.0
µA
最大输入信号
VIN_max
fIN = 1kHz, THD+N≤10%,
ACF-1 ON
1.85
Vrms
系统增益
Av0
RIN=56 kΩ
25.5
dB
注
5: 此处负载使用4ohm+22uH来模拟喇叭,下同。
VDD = 7.2V, VSS=0V, Av=26dB, Ta=25ºC, CIN=0.1uF, ACF-Off模式, 除非特殊说明
参数
符号
条件
最小值
典型值
最大值
单位
输出功率
PO
RL=4Ω
f=1kHz,
THD+N=10%
2×6.75
W
RL=8Ω
2×3.8
RL=4Ω,
f=1kHz,
THD+N=1%
2×5.45
RL=8Ω
2×3.1
总谐波失真加噪声
THD+N
PO=0.1W
RL=4Ω, f=1kHz
0.25
%
PO=1.0W
0.21
%
PO=3.0W
0.30
%
输出噪声
VN
f=20Hz~20kHz, A加权
150
µVrms
信噪比
SNR
A加权, Av=26dB, THD+N = 1%
91
dB
失调电压
VOS
±
14
mV
静态电流
IDD
No Load
Input
Grounded
15
mA
With Load
*5
23
mA
关断电流
ISD
No Load
CTRL=VSS
0.5
µA
With Load
*5
0.5
µA
最大输入信号
VIN_max
fIN = 1kHz, THD+N≤10%,
ACF-1 ON
1.50
Vrms
系统增益
Av0
RIN=56 kΩ
25.5
dB
双声道音频功放



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com