Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDLL6759 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # CDLL6759
Description  1 Amp Schottky Barrier Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CDLL6759 Datasheet(HTML) 2 Page - Microsemi Corporation

  CDLL6759 Datasheet HTML 1Page - Microsemi Corporation CDLL6759 Datasheet HTML 2Page - Microsemi Corporation CDLL6759 Datasheet HTML 3Page - Microsemi Corporation CDLL6759 Datasheet HTML 4Page - Microsemi Corporation CDLL6759 Datasheet HTML 5Page - Microsemi Corporation CDLL6759 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
T4-LDS-0301-1, Rev. 1 (6/25/13)
©2013 Microsemi Corporation
Page 2 of 6
1N5818UR-1, 1N5819UR-1, 1N6761UR-1
and CDLL variants
MECHANICAL and PACKAGING
• CASE: Hermetically sealed glass DO-213AB MELF (LL41) package.
• TERMINALS: Tin/lead or RoHS compliant matte-tin finished copper clad steel available (commercial grade only). Solderable per
MIL-STD-750, method 2026.
• MARKING: Cathode band.
• POLARITY: Diode to be operated with the banded end positive with respect to the opposite end for Zener regulation.
• MOUNTING SURFACE SELECTION: The Axial Coefficient of Expansion (COE) of this device is approximately +6PPM/°C. The
COE of the Mounting Surface System should be selected to provide a suitable match with this device.
• TAPE & REEL optional: Standard per EIA-481-1-A with 12 mm tape. Consult factory for quantities.
• WEIGHT: Approximately 0.05 grams.
• See Package Dimensions on last page.
PART NOMENCLATURE
1N5818UR-1, 1N5819UR-1* and 1N6761UR-1*:
JAN
1N5819
UR -1
(e3)
Reliability Level
JAN = JAN level*
JANTX = JANTX level*
JANTXV = JANTXV level*
JANS = JANS level*
*(applicable only to 1N5819UR-1
and 1N6761UR-1 numbers)
Blank = Commercial grade
JEDEC type number
(see Electrical Characteristics
table)
RoHS Compliance
e3 = RoHS compliant (on
commercial grade only)
Blank = non-RoHS compliant
Metallurgically Bonded
MELF Surface Mount
CDLL6759 – CDLL6761:
CDLL
6759
(e3)
Microsemi Designation
Series number
(see Electrical Characteristics
table)
RoHS Compliance
e3 = RoHS compliant
Blank = non-RoHS compliant
CDLL1A20 – CDLL1A100:
CDLL
1A
20
(e3)
Microsemi Designation
1 Amp Rating
20 Volt Working Peak
Reverse Voltage (VRWM)
RoHS Compliance
e3 = RoHS compliant
Blank = non-RoHS compliant



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com