Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDLL1A30 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # CDLL1A30
Description  1 Amp Schottky Barrier Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CDLL1A30 Datasheet(HTML) 1 Page - Microsemi Corporation

  CDLL1A30 Datasheet HTML 1Page - Microsemi Corporation CDLL1A30 Datasheet HTML 2Page - Microsemi Corporation CDLL1A30 Datasheet HTML 3Page - Microsemi Corporation CDLL1A30 Datasheet HTML 4Page - Microsemi Corporation CDLL1A30 Datasheet HTML 5Page - Microsemi Corporation CDLL1A30 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
T4-LDS-0301-1, Rev. 1 (6/25/13)
©2013 Microsemi Corporation
Page 1 of 6
1N5818UR-1, 1N5819UR-1, 1N6761UR-1
and CDLL variants
Available on
commercial
versions
1 Amp Schottky Barrier Rectifiers
Qualified per MIL-PRF-19500/586
Qualified Levels*:
JAN, JANTX, JANTXV
and JANS
DESCRIPTION
This 1 Amp schottky barrier rectifier is metallurgically bonded and offers military grade
qualifications for the part numbers of 1N5819UR-1 and 1N6761UR-1 for high-reliability
applications. This small diode is hermetically sealed and bonded into a DO-213AB MELF
glass package.
DO-213AB (MELF,
LL41) Package
Also available in:
DO-41 package
(axial-leaded)
1N5818-1, 1N5819-1,
1N6759-1 – 1N6761-1 and
DSB variants
Important: For the latest information, visit our website http://www.microsemi.com.
FEATURES
•
JEDEC registered 1N5818, 1N5819 and 1N6761 numbers.
•
Hermetically sealed DO-41 glass package.
•
Metallurgically bonded.
•
*1N5819UR-1 and 1N6761UR-1 only are available in JAN, JANTX, JANTXV and JANS qualifications
per MIL-PRF-19500/586.
(See part nomenclature for all available options.)
•
RoHS compliant versions available (commercial grade only).
APPLICATIONS / BENEFITS
•
Small size for high density mounting using flexible thru-hole leads (see package illustration).
•
Low reverse (leakage) currents.
•
Non-sensitive to ESD per MIL-STD-750 test method 1020 (human body model).
•
Inherently radiation hard as described in Microsemi “MicroNote 050”.
MAXIMUM RATINGS @ TA = +25 ºC unless otherwise specified
MSC – Lawrence
6 Lake Street,
Lawrence, MA 01841
Tel: 1-800-446-1158 or
(978) 620-2600
Fax: (978) 689-0803
MSC – Ireland
Gort Road Business Park,
Ennis, Co. Clare, Ireland
Tel: +353 (0) 65 6840044
Fax: +353 (0) 65 6822298
Website:
www.microsemi.com
Parameters/Test Conditions
Symbol
Value
Unit
Storage Temperature
TSTG
-65 to +150
ºC
Junction Temperature
1N5819UR-1
1N6761UR-1
TJ
-65 to +125
-65 to +150
ºC
Thermal Resistance, Junction-to-Lead
RӨJEC
40
ºC/W
Thermal Resistance, Junction-to-Ambient
RӨJA
220
ºC/W
Average Rectified Output Current
@ TA = 55 ºC on PCB board
IO
1.0
A
Surge Peak Forward Current
IFSM
25
A
Solder Temperature @ 10 s
260
oC
NOTE: 1. TEC = 55 ºC for the 1N5819UR-1 and TEC = 37 ºC for the 1N6761UR-1.


Similar Part No. - CDLL1A30

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL1A30 CDI-DIODE-CDLL1A30 Datasheet
34Kb / 2P
1 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Microsemi Corporation
CDLL1A30 MICROSEMI-CDLL1A30 Datasheet
48Kb / 2P
1 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - CDLL1A30

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N5819 CDI-DIODE-1N5819 Datasheet
37Kb / 2P
1 AMP SCHOTTKY BARRIER RECTIFIERS
1N5819UR CDI-DIODE-1N5819UR Datasheet
34Kb / 2P
1 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Microsemi Corporation
1N5819UR MICROSEMI-1N5819UR Datasheet
48Kb / 2P
1 AMP SCHOTTKY BARRIER RECTIFIERS
1N5819 MICROSEMI-1N5819 Datasheet
42Kb / 2P
1 AMP SCHOTTKY BARRIER RECTIFIERS
logo
DIOTEC Electronics Corp...
SK102 DEC-SK102 Datasheet
424Kb / 2P
1 AMP SCHOTTKY BARRIER RECTIFIERS
1N5817 DEC-1N5817 Datasheet
400Kb / 2P
1 AMP SCHOTTKY BARRIER RECTIFIERS
SBDA-102-1B DEC-SBDA-102-1B Datasheet
426Kb / 2P
1 AMP SCHOTTKY BARRIER RECTIFIERS
SBDA-101-1B DEC-SBDA-101-1B Datasheet
419Kb / 2P
1 AMP SCHOTTKY BARRIER RECTIFIERS
logo
New Jersey Semi-Conduct...
SK102 NJSEMI-SK102 Datasheet
82Kb / 1P
1 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Microsemi Corporation
1N5818-1 MICROSEMI-1N5818-1 Datasheet
434Kb / 6P
1 Amp Schottky Barrier Rectifiers
Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com