Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDLL1A40 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # CDLL1A40
Description  1 Amp Schottky Barrier Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CDLL1A40 Datasheet(HTML) 3 Page - Microsemi Corporation

  CDLL1A40 Datasheet HTML 1Page - Microsemi Corporation CDLL1A40 Datasheet HTML 2Page - Microsemi Corporation CDLL1A40 Datasheet HTML 3Page - Microsemi Corporation CDLL1A40 Datasheet HTML 4Page - Microsemi Corporation CDLL1A40 Datasheet HTML 5Page - Microsemi Corporation CDLL1A40 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
T4-LDS-0301-1, Rev. 1 (6/25/13)
©2013 Microsemi Corporation
Page 3 of 6
1N5818UR-1, 1N5819UR-1, 1N6761UR-1
and CDLL variants
SYMBOLS & DEFINITIONS
Symbol
Definition
CT
Total Capacitance: The total small signal capacitance between the diode terminals of a complete device.
f
frequency
IFSM
Surge Peak Forward Current: The forward current including all nonrepetitive transient currents but excluding all
repetitive transients (ref JESD282-B)
IR
Reverse Current: The dc current flowing from the external circuit into the cathode terminal at the specified voltage VR.
IO
Average Rectified Output Current: The output current averaged over a full cycle with a 50 Hz or 60 Hz sine-wave input
and a 180 degree conduction angle.
V(BR)
Minimum Breakdown Voltage: The minimum voltage the device will exhibit at a specified current.
VF
Forward Voltage: The positive anode-cathode voltage the device will exhibit at a specified IF current.
VR
Reverse Voltage: The dc voltage applied in the reverse direction below the breakdown region.
VRWM
Working Peak Reverse Voltage: The maximum peak voltage that can be applied over the operating temperature range
excluding all transient voltages (ref JESD282-B). Also sometimes known as PIV.
*ELECTRICAL CHARACTERISTICS @ TA = 25 °C unless otherwise specified
TYPE NUMBER
WORKING
PEAK
REVERSE
VOLTAGE
(1)
MAXIMUM FORWARD
VOLTAGE
MAXIMUM REVERSE
LEAKAGE CURRENT AT
RATED VOLTAGE
MAXIMUM
CAPACITANCE
@ VR = 5
VOLTS
f
≤ 1.0 MHz
VRWM
VF @ 0.1A
VF @ 1.0 A
IRM @ 25°C
IRM @ 100°C
CT
Volts
Volts
Volts
mA
mA
pF
1N5818UR-1*
30
0.36
0.60
0.10
5.0
0.9
†1N5819UR-1*
45
0.34
0.49
0.05
5.0
70
CDLL6759
60
0.38
0.69
0.10
6.0
NA
CDLL6760
80
0.38
0.69
0.10
6.0
NA
†1N6761UR-1*
100
0.38
0.69
0.10
12.0
70
CDLL1A20
20
0.36
0.60
0.10
5.0
0.9
CDLL1A30
30
0.36
0.60
0.10
5.0
0.9
CDLL1A40
40
0.36
0.60
0.10
5.0
0.9
CDLL1A50
50
0.36
0.60
0.10
5.0
0.9
CDLL1A60
60
0.38
0.69
0.10
12.0
NA
CDLL1A80
80
0.38
0.69
0.10
12.0
NA
CDLL1A100
100
0.38
0.69
0.10
12.0
NA
*Part number may also be ordered as CDLL5818 or CDLL5819 or CDLL6761.
† Also available with JAN, JANTX, JANTXV, and JANS military qualifications.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com