Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1908253 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1908253
Description  Printed-circuit board connector - MVSTBW 2,5/ 5-STF-5,08 AU
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1908253 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1908253 Datasheet HTML 1Page - PHOENIX CONTACT 1908253 Datasheet HTML 2Page - PHOENIX CONTACT 1908253 Datasheet HTML 3Page - PHOENIX CONTACT 1908253 Datasheet HTML 4Page - PHOENIX CONTACT 1908253 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/1908253
10/23/2014   Page 1 / 5
Printed-circuit board connector - MVSTBW 2,5/ 5-STF-5,08 AU - 1908253
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 5, Pitch: 5.08 mm,
Connection method: Screw connection, Color: green, Contact surface: Gold
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
12.01 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
5.08 mm
Dimension a
20.32 mm
General
Range of articles
MVSTBW 2,5/..-STF
Insulating material group
I
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V
Rated voltage (III/2)
320 V
Rated voltage (II/2)
630 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Nominal cross section
2.5 mm²
Maximum load current
12 A
Insulating material
PA
Inflammability class according to UL 94
V0


Similar Part No. - 1908253

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
1908253 FESTO-1908253 Datasheet
42Kb / 2P
ISO cylinder
More results

Similar Description - 1908253

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1834903 PHOENIX-1834903 Datasheet
114Kb / 8P
Printed-circuit board connector - MVSTBW 2,5/ 2-STF-5,08
1834987 PHOENIX-1834987 Datasheet
99Kb / 7P
Printed-circuit board connector - MVSTBW 2,5/10-STF-5,08
1708669 PHOENIX-1708669 Datasheet
250Kb / 11P
Printed-circuit board connector - MVSTBW 2,5/22-STF-5,08
1712335 PHOENIX-1712335 Datasheet
45Kb / 3P
Printed-circuit board connector - MVSTBW 2,5/ 9-STF-5,08 BK AU
1718614 PHOENIX-1718614 Datasheet
59Kb / 4P
Printed-circuit board connector - MVSTBW 2,5/20-STF-5,08 AU
1718627 PHOENIX-1718627 Datasheet
59Kb / 4P
Printed-circuit board connector - MVSTBW 2,5/16-STF-5,08 AU
1835070 PHOENIX-1835070 Datasheet
78Kb / 5P
Printed-circuit board connector - MVSTBW 2,5/19-STF-5,08
1835038 PHOENIX-1835038 Datasheet
94Kb / 6P
Printed-circuit board connector - MVSTBW 2,5/15-STF-5,08
1835012 PHOENIX-1835012 Datasheet
94Kb / 6P
Printed-circuit board connector - MVSTBW 2,5/13-STF-5,08
1908538 PHOENIX-1908538 Datasheet
67Kb / 5P
Printed-circuit board connector - MVSTBW 2,5/ 5-STF-5,08 ABGYAU
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com