Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1908538 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1908538
Description  Printed-circuit board connector - MVSTBW 2,5/ 5-STF-5,08 ABGYAU
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1908538 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1908538 Datasheet HTML 1Page - PHOENIX CONTACT 1908538 Datasheet HTML 2Page - PHOENIX CONTACT 1908538 Datasheet HTML 3Page - PHOENIX CONTACT 1908538 Datasheet HTML 4Page - PHOENIX CONTACT 1908538 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/1908538
10/23/2014   Page 1 / 5
Printed-circuit board connector - MVSTBW 2,5/ 5-STF-5,08 ABGY
AU - 1908538
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 5, Pitch: 5.08 mm,
Connection method: Screw connection, Color: Agate gray, Contact surface: Gold
The illustration shows version
MVSTBW 2,5/ 5-STF-5,08 AU
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
12.0 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
5.08 mm
Dimension a
20.32 mm
General
Range of articles
MVSTBW 2,5/..-STF
Insulating material group
I
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V
Rated voltage (III/2)
320 V
Rated voltage (II/2)
630 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Nominal cross section
2.5 mm²


Similar Part No. - 1908538

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
19085-0008 MOLEX4-19085-0008 Datasheet
93Kb / 2P
Open Barrel Ring , Tin-Plated Steel, for 14-18 AWG Wire, Stud Size 8 (M4)
logo
Festo Corporation.
190850 FESTO-190850 Datasheet
122Kb / 1P
Non return valve
logo
Molex Electronics Ltd.
190850003 MOLEX4-190850003 Datasheet
93Kb / 2P
Open Barrel Ring , Brass, for 14-18 AWG Wire, Stud Size 10
190850004 MOLEX4-190850004 Datasheet
94Kb / 2P
Open Barrel Ring , Tin-Plated Brass, for 14-18 AWG Wire, Stud Size 6 (M3.5)
190850005 MOLEX4-190850005 Datasheet
94Kb / 2P
Open Barrel Ring , Tin-Plated Brass, for 14-18 AWG Wire, Stud Size 8 (M4)
More results

Similar Description - 1908538

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1834903 PHOENIX-1834903 Datasheet
114Kb / 8P
Printed-circuit board connector - MVSTBW 2,5/ 2-STF-5,08
1834987 PHOENIX-1834987 Datasheet
99Kb / 7P
Printed-circuit board connector - MVSTBW 2,5/10-STF-5,08
1853201 PHOENIX-1853201 Datasheet
103Kb / 7P
Printed-circuit board connector - TMSTBP 2,5/ 5-STF-5,08 ABGYAU
1882832 PHOENIX-1882832 Datasheet
147Kb / 8P
Printed-circuit board connector - MSTB 2,5/ 5-STF-5,08 ABGYAU
1708669 PHOENIX-1708669 Datasheet
250Kb / 11P
Printed-circuit board connector - MVSTBW 2,5/22-STF-5,08
1835070 PHOENIX-1835070 Datasheet
78Kb / 5P
Printed-circuit board connector - MVSTBW 2,5/19-STF-5,08
1835038 PHOENIX-1835038 Datasheet
94Kb / 6P
Printed-circuit board connector - MVSTBW 2,5/15-STF-5,08
1835012 PHOENIX-1835012 Datasheet
94Kb / 6P
Printed-circuit board connector - MVSTBW 2,5/13-STF-5,08
1908253 PHOENIX-1908253 Datasheet
67Kb / 5P
Printed-circuit board connector - MVSTBW 2,5/ 5-STF-5,08 AU
1919666 PHOENIX-1919666 Datasheet
77Kb / 5P
Printed-circuit board connector - MVSTBR 2,5/ 5-STF-5,08 ABGYAU
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com